Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L8UG9033-TR3 Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd.

Part # L8UG9033-TR3
Description  SURFACE MOUNT TAPE AND REEL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L8UG9033-TR3 Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd.

  L8UG9033-TR3 Datasheet HTML 1Page - LIGITEK electronics co., ltd. L8UG9033-TR3 Datasheet HTML 2Page - LIGITEK electronics co., ltd. L8UG9033-TR3 Datasheet HTML 3Page - LIGITEK electronics co., ltd. L8UG9033-TR3 Datasheet HTML 4Page - LIGITEK electronics co., ltd. L8UG9033-TR3 Datasheet HTML 5Page - LIGITEK electronics co., ltd. L8UG9033-TR3 Datasheet HTML 6Page - LIGITEK electronics co., ltd. L8UG9033-TR3 Datasheet HTML 7Page - LIGITEK electronics co., ltd. L8UG9033-TR3 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PART NO. : L8UG9033/TR3
Reference
Standard
MIL-STD-883D:1008
JIS C 7021: B-10
MIL-STD-750D: 1026
MIL-STD-883D: 1005
JIS C 7021: B-1
High Temperature
Storage Test
Operating Life Test
Test Item
1.Ta=Under Room Temperature As Per Data Sheet
Maximum Rating.
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Test Condition
MIL-STD-202F:103B
JIS C 7021: B-11
JIS C 7021: B-12
MIL-STD-202F: 107D
MIL-STD-750D: 1051
MIL-STD-883D: 1011
MIL-STD-202F: 107D
MIL-STD-750D: 1051
MIL-STD-883D: 1010
JIS C 7021: A-4
MIL-STD-750D:2031.2
J-STD-020
MIL-STD-202F: 208D
MIL-STD-750D: 2026
MIL-STD-883D: 2003
IEC 68 Part 2-20
JIS C 7021: A-2
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=1000hrs
±2hrs
Solderability Test
High Temperature
High Humidity
Storage Test
Thermal Shock Test
IR Reflow
Temperature
Cycling
1.T=260
¢XC Max. 10sec.Max.
2. 6 Min
1.T.Sol=235
℃±5
2.Immersion time 2
±0.5sec
3.Coverage
95% of the dipped surface
1.105
℃ ~ 25℃ ~ -55℃ ~ 25
30mins 5mins 30mins 5mins
2.10 Cyeles
1.Ta=105
℃±5&-40℃±5
(10min)
(10min)
2.total 10 cycles
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Low Temperature
Storage Test
Environmental
Test
Endurance
Test
Classification
Reliability Test:
7/7
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page


Similar Part No. - L8UG9033-TR3

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8UG9033-TR1 LIGITEK-L8UG9033-TR1 Datasheet
158Kb / 8P
   SURFACE MOUNT TAPE AND REEL
L8UG9033-TR2 LIGITEK-L8UG9033-TR2 Datasheet
131Kb / 8P
   SURFACE MOUNT TAPE AND REEL
More results

Similar Description - L8UG9033-TR3

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSBI9033-TR1A LIGITEK-LSBI9033-TR1A Datasheet
97Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUG9033-HH-T-TR3-09 LIGITEK-LUG9033-HH-T-TR3-09 Datasheet
244Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUG9033-TR1 LIGITEK-LUG9033-TR1 Datasheet
98Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LY9S53-TR1 LIGITEK-LY9S53-TR1 Datasheet
135Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSR9033-TR2 LIGITEK-LSR9033-TR2 Datasheet
99Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LHRF9033-TR2 LIGITEK-LHRF9033-TR2 Datasheet
131Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LHRF9553-T-TR1 LIGITEK-LHRF9553-T-TR1 Datasheet
145Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSEF9033-TR1 LIGITEK-LSEF9033-TR1 Datasheet
102Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSEF9033-TR2 LIGITEK-LSEF9033-TR2 Datasheet
102Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LH9353-TR1 LIGITEK-LH9353-TR1 Datasheet
133Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUY9033-TR3 LIGITEK-LUY9033-TR3 Datasheet
100Kb / 8P
   SURFACE MOUNT TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com