Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA278R08PI Datasheet(PDF) 7 Page - KEC(Korea Electronics)

Part # KIA278R08PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA278R08PI Datasheet(HTML) 7 Page - KEC(Korea Electronics)

  KIA278R08PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA278R08PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA278R08PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA278R08PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA278R08PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA278R08PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA278R08PI Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2001. 6. 28
7/7
KIA278R05PI~KIA278R15PI
Revision No : 3
Fig.9 T - I
JUNCTION TEMPERATURE T ( C)
0
-25
j
q
j
0
25
50
75
100
125
2
4
6
8
10
V
=35V
I =0
IN
O
Fig. 10-1 f - RR
INPUT RIPPLE FREQUENCY f (kHz)
0.1
0
10
20
30
40
50
60
70
80
110
100
I =0.5A,ei=0.5V
V =7V(KIA278R05)
O
IN
rms
V =15V(KIA278R09)
IN
V =18V(KIA278R12)
IN
OUTPUT CURRENT I
(A)
V =18V(KIA278R12)
V =15V(KIA278R09)
V =7V(KIA278R05)
C
=3.3
µF
0.1
20
IN
IN
IN
ref
rms
Fig.10-2 I - RR
O
O
f=120Hz,ei=0.5V
0.5
1.0
1.5
2.0
30
40
50
60
70
V =21V(KIA278R15)
IN
V =21V(KIA278R15)
IN
V =10V(KIA278R08)
IN
V =10V(KIA278R08)
IN


Similar Part No. - KIA278R08PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA278R08PI KEC-KIA278R08PI Datasheet
928Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA278R08PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA278R25PI KEC-KIA278R25PI Datasheet
97Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA378R05PI KEC-KIA378R05PI Datasheet
118Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA78R05API KEC-KIA78R05API Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R25API KEC-KIA78R25API Datasheet
105Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA378R25PI KEC-KIA378R25PI Datasheet
97Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA78R05PI KEC-KIA78R05PI Datasheet
129Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78D25F KEC-KIA78D25F Datasheet
402Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78R05F KEC-KIA78R05F Datasheet
122Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R25F KEC-KIA78R25F Datasheet
103Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
logo
Unisonic Technologies
378R33 UTC-378R33 Datasheet
200Kb / 9P
   4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com