Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA278R25PI Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA278R25PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA278R25PI Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA278R25PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA278R25PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA278R25PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA278R25PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA278R25PI Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2001. 6. 28
1/5
SEMICONDUCTOR
TECHNICAL DATA
KIA278R25PI~KIA278R37PI
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 3
4 TERMINAL 2A OUTPUT LOW DROP
VOLTAGE REGULATOR
The KIA278R
Series are Low Drop Voltage
Regulator suitable for various electronic equipments.
It provides constant voltage power source with TO-220
4 terminal lead full molded PKG.
The Regulator has multi function such as over current
protection, overheat protection and ON/OFF control.
FEATURES
2.0A Output Low Drop Voltage Regulator.
Built in ON/OFF Control Terminal.
Built in Over Current Protection, Over Heat
Protection Function.
LINE UP
A
L
D
M
12
34
1
2
3
4
DC INPUT (V )
DC OUTPUT (V )
GND
ON/OFF CONTROL
IN
O
DIM MILLIMETERS
TO-220IS-4
10.00 0.20
15.00 0.20
2.70 0.20
0.60 0.10
Φ3.20 0.20
3.50 0.10
A
B
C
D
E
F
G
15.70 0.20
0.40 0.10
H
14.3+0.2/-0.1
1.45 0.10
1.00 0.10
2.54
4.50 0.20
7.5 0.1
1.50 0.10
J
K
L
M
N
O
P
S
R
8
5
C
E
H
L
V
V
U
T
K
O
R
S
P
+_
+_
+_
1.30 0.1
3-1.00 0.1
1.30 0.1
T
U
V
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
MAXIMUM RATINGS (Ta=25 )
* Note) * : Under Development.
ITEM
OUTPUT VOLTAGE (Typ.)
UNIT
* KIA278R25PI
2.5
V
* KIA278R30PI
3.0
KIA278R33PI
3.3
* KIA278R35PI
3.5
* KIA278R37PI
3.7
CHARACTERISTIC
SYMBOL
RATING
UNIT
Remark
Input Voltage
VIN
15
V
-
ON/OFF Control Voltage
VC
15
V
-
Output Current
IO
2
A
-
Power Dissipation 1
Pd1
1.5
W
No heatsink
Power Dissipation 2
Pd2
15
W
with heatsink
Junction Temperature
Tj
125
-
Operating Temperature
Topr
-20 80
-
Storage Temperature
Tstg
-30 125
-
Soldering Temperature (10sec)
Tsol
260
-


Similar Part No. - KIA278R25PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA278R25PI KEC-KIA278R25PI Datasheet
502Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R25PI KEC-KIA278R25PI_15 Datasheet
502Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA278R25PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA278R05PI KEC-KIA278R05PI Datasheet
118Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA378R05PI KEC-KIA378R05PI Datasheet
118Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA78R05API KEC-KIA78R05API Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R25API KEC-KIA78R25API Datasheet
105Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA378R25PI KEC-KIA378R25PI Datasheet
97Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA78R05PI KEC-KIA78R05PI Datasheet
129Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78D25F KEC-KIA78D25F Datasheet
402Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78R05F KEC-KIA78R05F Datasheet
122Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R25F KEC-KIA78R25F Datasheet
103Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
logo
Unisonic Technologies
378R33 UTC-378R33 Datasheet
200Kb / 9P
   4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com