Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA278R06PI Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIA278R06PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA278R06PI Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIA278R06PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA278R06PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA278R06PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA278R06PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA278R06PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA278R06PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA278R06PI Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2001. 6. 28
3/7
KIA278R05PI~KIA278R15PI
Revision No : 3
12
3
4
A
A
A
V
0.33
µF
I
I
R
I
q
c
L
o
Vo
c
V
VIN
47
µF
Fig. 1 Standard Test Circuit
KIA278RXXPI
Specific IC
4
1
3
2
ON/OFF
signal
Co
Vo
High or Open:Output ON
Low
:Output OFF
CMOS or TTL
IN
V
Fig. 2 Application Circuit for Standard
12
3
V
0.33
µF
RL
e o
VIN
47
µF
Fig. 1-2 Ripple Rejection Test Circuit
ei
f=120Hz(sine wave)
ei=0.5Vrms
RR=20log(ei/eo)
KIA278RXXPI
4


Similar Part No. - KIA278R06PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA278R06PI KEC-KIA278R06PI Datasheet
928Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA278R06PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA278R25PI KEC-KIA278R25PI Datasheet
97Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA378R05PI KEC-KIA378R05PI Datasheet
118Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA78R05API KEC-KIA78R05API Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R25API KEC-KIA78R25API Datasheet
105Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA378R25PI KEC-KIA378R25PI Datasheet
97Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA78R05PI KEC-KIA78R05PI Datasheet
129Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78D25F KEC-KIA78D25F Datasheet
402Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78R05F KEC-KIA78R05F Datasheet
122Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R25F KEC-KIA78R25F Datasheet
103Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
logo
Unisonic Technologies
378R33 UTC-378R33 Datasheet
200Kb / 9P
   4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com