Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPD3778 Datasheet(PDF) 1 Page - NEC

Part No. UPD3778
Description  10600 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3778 Datasheet(HTML) 1 Page - NEC

  UPD3778 Datasheet HTML 1Page - NEC UPD3778 Datasheet HTML 2Page - NEC UPD3778 Datasheet HTML 3Page - NEC UPD3778 Datasheet HTML 4Page - NEC UPD3778 Datasheet HTML 5Page - NEC UPD3778 Datasheet HTML 6Page - NEC UPD3778 Datasheet HTML 7Page - NEC UPD3778 Datasheet HTML 8Page - NEC UPD3778 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
©
1999
DATA SHEET
µPD3778
MOS INTEGRATED CIRCUIT
The
µPD3778 is a color CCD (Charge Coupled Device) linear image sensor which changes optical images to
electrical signal and has the function of color separation.
The
µPD3778 has 3 rows of 10600 pixels, and each row has a double-sided readout type of charge transfer register.
And it has reset feed-through level clamp circuits and voltage amplifiers. Therefore, it is suitable for 1200 dpi/A4 color
image scanners and so on.
FEATURES
• Valid photocell
: 10600 pixels
× 3
• Photocell's pitch : 4
µm
• Photocell size
: 4
× 4
µm2
• Line spacing
: 48
µm (12 lines) Red line-Green line, Green line-Blue line
• Color filter
: Primary colors (red, green and blue), pigment filter (with light resistance 107 lx•hour)
• Resolution
: 48 dot/mm A4 (210
× 297 mm) size (shorter side)
1200 dpi US letter (8.5”
× 11”) size (shorter side)
• Drive clock level : CMOS output under 5 V operation
• Data rate
: 5 MHz MAX.
• Power supply
: +12 V
• On-chip circuits : Reset feed-through level clamp circuits
Voltage amplifiers
ORDERING INFORMATION
Part Number
Package
µPD3778CY
CCD linear image sensor 32-pin plastic DIP (400 mil)
Document No. S14374EJ1V0DS00 (1st edition)
Date published July 1999 N CP(K)
Printed in Japan
10600 PIXELS
× 3 COLOR CCD LINEAR IMAGE SENSOR
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn