Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPD3778 Datasheet(PDF) 6 Page - NEC

Part No. UPD3778
Description  10600 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3778 Datasheet(HTML) 6 Page - NEC

Back Button UPD3778 Datasheet HTML 2Page - NEC UPD3778 Datasheet HTML 3Page - NEC UPD3778 Datasheet HTML 4Page - NEC UPD3778 Datasheet HTML 5Page - NEC UPD3778 Datasheet HTML 6Page - NEC UPD3778 Datasheet HTML 7Page - NEC UPD3778 Datasheet HTML 8Page - NEC UPD3778 Datasheet HTML 9Page - NEC UPD3778 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
µPD3778
6
Data Sheet S14374EJ1V0DS00
ELECTRICAL CHARACTERISTICS
TA = +25
°C, VOD = 12 V, data rate (fφRB) = 2 MHz, storage time = 5.5 ms, input signal clock = 5 Vp-p,
light source: 3200 K halogen lamp +C-500S (infrared cut filter, t = 1mm) + HA-50 (heat absorbing filter, t = 3 mm)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Saturation voltage
Vsat
2.0
2.5
V
Saturation exposure
Red
SER
0.694
lx•s
Green
SEG
0.757
lx•s
Blue
SEB
1.250
lx•s
Photo response non-uniformity
PRNU
VOUT = 1.0 V
6
20
%
Average dark signal
ADS
Light shielding
0.2
4.0
mV
Dark signal non-uniformity
DSNU
Light shielding
1.5
4.0
mV
Power consumption
PW
400
600
mW
Output impedance
ZO
0.5
1
k
Response
Red
RR
2.52
3.60
4.68
V/lx•s
Green
RG
2.31
3.30
4.29
V/lx•s
Blue
RB
1.40
2.00
2.60
V/lx•s
Image lag
IL
VOUT = 1.0 V
2.0
10.0
%
Offset level Note1
VOS
4.0
6.0
7.0
V
Output fall delay time Note2
td
VOUT = 1.0 V
50
ns
Total transfer efficiency
TTE
VOUT = 1.0 V,
92
98
%
data rate = 5 MHz
Register imbalance
RI
VOUT = 1.0 V
0
1.0
4.0
%
Response peak
Red
630
nm
Green
540
nm
Blue
460
nm
Dynamic range
DR1
Vsat /DSNU
1666
times
DR2
Vsat /
σ CDS
2500
times
Reset feed-through noise Note1
RFTN
Light shielding
–1000
–300
+500
mV
Random noise (CDS)
σ CDS
Light shielding
1.0
mV
Notes 1. Refer to TIMING CHART 2.
2. When each fall time of
φ1 and φ2 (t2, t1) is the TYP. value (refer to TIMING CHART 2).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn