Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1456 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1456
Description  12-Bit Rail-to-Rail Micropower DAC with Clear Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1456 Datasheet(HTML) 6 Page - Linear Technology

  LTC1456_15 Datasheet HTML 1Page - Linear Technology LTC1456_15 Datasheet HTML 2Page - Linear Technology LTC1456_15 Datasheet HTML 3Page - Linear Technology LTC1456_15 Datasheet HTML 4Page - Linear Technology LTC1456_15 Datasheet HTML 5Page - Linear Technology LTC1456_15 Datasheet HTML 6Page - Linear Technology LTC1456_15 Datasheet HTML 7Page - Linear Technology LTC1456_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1456
Resolution (n): Resolution is defined as the number of
digital input bits, n. It defines the number of DAC output
states (2n) that divide the full-scale range. The resolution
does not imply linearity.
Full-Scale Voltage (VFS): This is the output of the DAC
when all bits are set to 1.
Voltage Offset Error (VOS): The theoretical voltage at the
output when the DAC is loaded with all zeros. The output
amplifier can have a true negative offset, but because the
part is operated from a single supply, the output cannot go
below zero. If the offset is negative, the output will remain
near 0V resulting in the transfer curve shown in Figure 1.
The offset of the part is measured at the code that corre-
sponds to the maximum offset specification:
VOS = VOUT – [(Code • VFS)/(2n – 1)]
Least Significant Bit (LSB): One LSB is the ideal voltage
difference between two successive codes.
LSB = (VFS – VOS)/(2n – 1) = (VFS – VOS)/4095
LSB = 4.095/4095 = 1mV
DEFI ITIO S
Integral Nonlinearity (INL): End-point INL is the maxi-
mum deviation from a straight line passing through the
end-points of the DAC transfer curve. Because the part
operates from a single supply and the output cannot go
below zero, the linearity is measured between full scale
and the code corresponding to the maximum offset speci-
fication. The INL error at a given input code is calculated
as follows:
INL
= [VOUT – VOS – (VFS – VOS)(code/4095)]/LSB
VOUT = The output voltage of the DAC measured at
the given input code
Differential Nonlinearity (DNL): DNL is the difference
between the measured change and the ideal 1LSB change
between any two adjacent codes. The DNL error between
any two codes is calculated as follows:
DNL
= (
∆VOUT – LSB)/LSB
∆VOUT = The measured voltage difference between
two adjacent codes
Digital Feedthrough: The glitch that appears at the analog
output caused by AC coupling from the digital inputs when
they change state. The area of the glitch is specified in
(nV)(sec).
DAC CODE
1456 F01
OUTPUT
VOLTAGE
NEGATIVE
OFFSET
0V
Figure 1. Effect of Negative Offset


Similar Part No. - LTC1456_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1456C LINER-LTC1456C Datasheet
148Kb / 8P
   12-Bit Rail-to-Rail Micropower DAC with Clear Input
LTC1456CN8 LINER-LTC1456CN8 Datasheet
148Kb / 8P
   12-Bit Rail-to-Rail Micropower DAC with Clear Input
LTC1456CS8 LINER-LTC1456CS8 Datasheet
148Kb / 8P
   12-Bit Rail-to-Rail Micropower DAC with Clear Input
LTC1456I LINER-LTC1456I Datasheet
148Kb / 8P
   12-Bit Rail-to-Rail Micropower DAC with Clear Input
LTC1456IN8 LINER-LTC1456IN8 Datasheet
148Kb / 8P
   12-Bit Rail-to-Rail Micropower DAC with Clear Input
More results

Similar Description - LTC1456_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1456 LINER-LTC1456 Datasheet
148Kb / 8P
   12-Bit Rail-to-Rail Micropower DAC with Clear Input
LTC1448 LINER-LTC1448 Datasheet
241Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DAC
LTC1448 LINER-LTC1448_15 Datasheet
223Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DAC
logo
Linear Integrated Syste...
LTC1663-8IMS8 LINEAR-LTC1663-8IMS8 Datasheet
146Kb / 12P
   10-Bit Rail-to-Rail Micropower DAC with
logo
Linear Technology
LTC1659 LINER-LTC1659_1 Datasheet
136Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1659 LINER-LTC1659 Datasheet
132Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1659 LINER-LTC1659_15 Datasheet
142Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1657L LINER-LTC1657L Datasheet
157Kb / 12P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657L LINER-LTC1657L_15 Datasheet
215Kb / 16P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657 LINER-LTC1657 Datasheet
194Kb / 12P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com