Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1454L Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1454L
Description  Dual 12-Bit Rail-to-Rail Micropower DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1454L Datasheet(HTML) 1 Page - Linear Technology

  LTC1454L_15 Datasheet HTML 1Page - Linear Technology LTC1454L_15 Datasheet HTML 2Page - Linear Technology LTC1454L_15 Datasheet HTML 3Page - Linear Technology LTC1454L_15 Datasheet HTML 4Page - Linear Technology LTC1454L_15 Datasheet HTML 5Page - Linear Technology LTC1454L_15 Datasheet HTML 6Page - Linear Technology LTC1454L_15 Datasheet HTML 7Page - Linear Technology LTC1454L_15 Datasheet HTML 8Page - Linear Technology LTC1454L_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1454/LTC1454L
Dual 12-Bit Rail-to-Rail
Micropower DACs
Daisy-Chained Control Outputs
Functional Block Diagram: Dual 12-Bit Rail-to-Rail DAC
X1/X2 B
X1/X2 A
DIN
CLK
DOUT
VCC
POWER-ON
RESET
+
12-BIT
DAC A
12-BIT
DAC B
REFOUT
CS/LD
VOUT B
REFHI B
REFHI A
REFLO
GND
14
16
1
11
8
7
12
2
6
5
3
4
9, 15
LTC1454: 5V
LTC1454L: 3V TO 5V
LTC1454: 2.048V
LTC1454L: 1.22V
10
13
VOUT A
+
CLR
1454 BD02
24-BIT
SHIFT
REG
AND
DAC
LATCH
µP
Differential Nonlinearity
vs Input Code
CODE
0
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
1024
2048 2560
1454 G08
512
1536
3072 3584 4095
FEATURES
s
12-Bit Resolution
s
Buffered True Rail-to-Rail Voltage Output
s
5V Operation, ICC: 700µA Typ (LTC1454)
s
3V Operation, ICC: 450µA Typ (LTC1454L)
s
Built-In Reference: 2.048V (LTC1454)
1.220V (LTC1454L)
s
CLR Pin
s
Power-On Reset
s
16-Lead SO Package
s
3-Wire Cascadable Serial Interface
s
Maximum DNL Error: 0.5LSB
s
Low Cost
The LTC
®1454/LTC1454L are complete single supply,
dual rail-to-rail voltage output, 12-bit digital-to-analog
converters (DACs) in a 16-lead SO package. They include
an output buffer amplifier with variable gain (
×1 or ×2)
and an easy-to-use 3-wire cascadable serial interface.
The LTC1454 has an onboard reference of 2.048V and a
full-scale output of 4.095V in a
×2 gain configuration. It
operates from a single 4.5V to 5.5V supply.
The LTC1454L has an onboard 1.22V reference and a full-
scale output of 2.5V in a
×2 gain configuration. It operates
from a single 2.7V to 5.5V supply.
Low power supply current, excellent DNL and small size
allow these parts to be used in a host of applications where
size, DNL and single supply operation are important.
DESCRIPTION
APPLICATIONS
s
Digital Calibration
s
Industrial Process Control
s
Automatic Test Equipment
s
Cellular Telephones
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATION


Similar Part No. - LTC1454L_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1454LC LINER-LTC1454LC Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454LCN LINER-LTC1454LCN Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454LCS LINER-LTC1454LCS Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454LI LINER-LTC1454LI Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454LIN LINER-LTC1454LIN Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
More results

Similar Description - LTC1454L_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1454 LINER-LTC1454_15 Datasheet
181Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454 LINER-LTC1454 Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1446 LINER-LTC1446 Datasheet
130Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Linear Dimensions Semic...
LTC1446IS8 LINEAR_DIMENSIONS-LTC1446IS8 Datasheet
178Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Linear Technology
LTC1446L LINER-LTC1446L_15 Datasheet
178Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1446 LINER-LTC1446_15 Datasheet
178Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1446 LINER-LTC1446_1 Datasheet
172Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com