Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1885 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1885
Description  Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1885 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1885_15 Datasheet HTML 4Page - Linear Technology LT1885_15 Datasheet HTML 5Page - Linear Technology LT1885_15 Datasheet HTML 6Page - Linear Technology LT1885_15 Datasheet HTML 7Page - Linear Technology LT1885_15 Datasheet HTML 8Page - Linear Technology LT1885_15 Datasheet HTML 9Page - Linear Technology LT1885_15 Datasheet HTML 10Page - Linear Technology LT1885_15 Datasheet HTML 11Page - Linear Technology LT1885_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT1884/LT1885
8
TYPICAL PERFOR A CE CHARACTERISTICS
Channel Separation vs Frequency
Gain vs Frequency (AV = 1)
Large-Signal Response
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
18845 G16
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
18845 G17
10
0
–10
–20
–30
–40
VS = ±2.5V
VS = ±15V
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
18845 G18
10
0
–10
–20
–30
–40
CLOAD = 330pF
CLOAD = 150pF
CLOAD = 50pF
CLOAD = 0pF
Gain vs Frequency vs CLOAD
(AV = – 1)
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
18845 G19
10
0
–10
–20
–30
–40
CLOAD = 500pF
CLOAD = 0pF
CLOAD = 100pF
CLOAD = 300pF
Gain vs Frequency vs CLOAD
(AV = 1)
VS = ±15V
RF = RG = 10k
AV = –1
18845 G20
Small-Signal Response
VS = ±15V
RF = RG = 10k
AV = –1
18845 G21
5V/DIV
50
µs/DIV
20mV/DIV
2
µs/DIV


Similar Part No. - LT1885_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1885CS LINER-LT1885CS Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1885IS LINER-LT1885IS Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results

Similar Description - LT1885_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_1 Datasheet
562Kb / 16P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1882 LINER-LT1882_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881 Datasheet
183Kb / 12P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1467L LINER-LT1467L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_10 Datasheet
388Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com