Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1797 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1797
Description  10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1797 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1797_15 Datasheet HTML 5Page - Linear Technology LT1797_15 Datasheet HTML 6Page - Linear Technology LT1797_15 Datasheet HTML 7Page - Linear Technology LT1797_15 Datasheet HTML 8Page - Linear Technology LT1797_15 Datasheet HTML 9Page - Linear Technology LT1797_15 Datasheet HTML 10Page - Linear Technology LT1797_15 Datasheet HTML 11Page - Linear Technology LT1797_15 Datasheet HTML 12Page - Linear Technology LT1797_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LT1797
9
1797fb
APPLICATIONS INFORMATION
Distortion
There are two main contributors to distortion in op amps:
output crossover distortion as the output transitions from
sourcing to sinking current and distortion caused by non-
linear common mode rejection. If the op amp is operating
in the inverting mode, there is no common mode induced
distortion. If the op amp is operating in the PNP input stage
(input is not within 1.3V of V+), the CMRR is very good,
typically 96dB. When the LT1797 switches between input
stages there is significant nonlinearity in the CMRR. Lower
load resistance increases the output crossover distortion,
but has no effect on the input stage transition distortion.
For lowest distortion the LT1797 should be operated single
supply, with the output always sourcing current and with
the input voltage swing between ground and (V+ – 1.3V).
See the Typical Performance Characteristic curves.
1797 F01
Q18
Q1
Q3 Q4
QB1
Q7
Q11
Q13
Q9
Q6
Q2
Q12
Q8
Q14
Q10
Q5
Q17
Q15
Q19
Q20
Q16
R1
R3
R4
R7
R8
R5
R6
R2
D1
D2
–IN
+IN
BIAS
I1
OUT
+1
+1
CM
C1
C2
I3
I2
I4
I5
I6
I7
1/2 SUPPLY
Figure 1. Simplified Schematic


Similar Part No. - LT1797_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1797 LINER-LT1797_1 Datasheet
194Kb / 14P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
More results

Similar Description - LT1797_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1797 LINER-LT1797 Datasheet
195Kb / 12P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1797 LINER-LT1797_1 Datasheet
194Kb / 14P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1880 LINER-LT1880 Datasheet
240Kb / 12P
   SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LT1880 LINER-LT1880_15 Datasheet
233Kb / 12P
   SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LT1782 LINER-LT1782_15 Datasheet
519Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_1 Datasheet
261Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782 Datasheet
212Kb / 12P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1783IS5 LINER-LT1783IS5 Datasheet
164Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783 LINER-LT1783 Datasheet
211Kb / 12P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Dimensions Semic...
LT1783IS5-TRMPBF LINEAR_DIMENSIONS-LT1783IS5-TRMPBF Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com