Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1389 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1389
Description  Nanopower Precision Shunt Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1389 Datasheet(HTML) 2 Page - Linear Technology

  LT1389 Datasheet HTML 1Page - Linear Technology LT1389 Datasheet HTML 2Page - Linear Technology LT1389 Datasheet HTML 3Page - Linear Technology LT1389 Datasheet HTML 4Page - Linear Technology LT1389 Datasheet HTML 5Page - Linear Technology LT1389 Datasheet HTML 6Page - Linear Technology LT1389 Datasheet HTML 7Page - Linear Technology LT1389 Datasheet HTML 8Page - Linear Technology LT1389 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1389
OUTPUT
TEMPERATURE COEFFICIENT
TEMPERATURE
VOLTAGE
ACCURACY (%)
(ppm/
°C)
PART TYPE
PART MARKING
0
°C to 70°C
1.250
0.05
10
LT1389ACS8-1.25
389A12
1.250
0.05
20
LT1389BCS8-1.25
389B12
2.500
0.05
20
LT1389BCS8-2.5
389B25
4.096
0.075
50
LT1389BCS8-4.096
1389B4
5.000
0.075
50
LT1389BCS8-5
1389B5
ORDER PART
NUMBER
(Note 1)
Operating Current
1.25V ............................................................... 20mA
2.5V ................................................................. 20mA
4.096V ............................................................. 10mA
5V .................................................................... 10mA
Forward Current .................................................. 20mA
Operating Temperature Range ..................... 0
°C to 70°C
Storage Temperature Range (Note 2) ... – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
S8 PART MARKING
LT1389ACS8-1.25
LT1389BCS8-1.25
LT1389BCS8-2.5
LT1389BCS8-4.096
LT1389BCS8-5
389A12
389B12
389B25
*Connected internally. Do Not Connect external circuitry to these pins.
Consult factory for Industrial and Military grade parts.
TJMAX = 125°C, θJA = 190°C/ W
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
DNC*
DNC*
DNC*
GND
DNC*
DNC*
VOUT
GND
AVAILABLE OPTIO S
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reverse Breakdown Voltage
LT1389ACS8/LT1389BCS8 (IR = 0.8µA)
1.24937
1.250
1.25062
V
– 0.05
0.05
%
LT1389ACS8 (IR = 0.8µA)
q
1.24849
1.250
1.25149
V
– 0.12
0.12
%
LT1389BCS8 (IR = 0.8µA)
q
1.24762
1.250
1.25237
V
– 0.19
0.19
%
Reverse Breakdown Change
0.8
µA ≤ IR ≤ 200µA
0.20
0.4
mV
with Current (Note 4)
q
0.20
1.0
mV
200
µA ≤ IR ≤ 2mA
0.3
1.0
mV
q
0.3
2.0
mV
Minimum Operating Current
q
0.6
µA
Temperature Coefficient
LT1389ACS8 (IR = 0.8µA)
q
4
10
ppm/
°C
LT1389BCS8 (IR = 0.8µA)
q
4
20
ppm/
°C
Reverse Dynamic Impedance (Note 5)
0.8
µA ≤ IR ≤ 2mA
0.25
0.7
q
0.25
1.5
Low Frequency Noise (Note 6)
IR = 0.8µA, 0.1Hz ≤ f ≤ 10Hz
25
µVP-P
1.25V ELECTRICAL CHARACTERISTICS
1389B4
1389B5
PACKAGE/ORDER I FOR ATIO
ABSOLUTE
AXI U
RATI GS


Similar Part No. - LT1389

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1389 LINER-LT1389 Datasheet
204Kb / 12P
   Nanopower Precision Shunt Voltage Reference
LT1389 LINER-LT1389 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LT1389 LINER-LT1389 Datasheet
162Kb / 8P
   Ultra Precision Reference
LT1389 LINER-LT1389 Datasheet
179Kb / 20P
   Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
LT1389ACS8-1.25 LINER-LT1389ACS8-1.25 Datasheet
204Kb / 12P
   Nanopower Precision Shunt Voltage Reference
More results

Similar Description - LT1389

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1389 LINER-LT1389 Datasheet
204Kb / 12P
   Nanopower Precision Shunt Voltage Reference
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
   PRECISION SHUNT VOLTAGE REFERENCE
SC4040 SEMTECH-SC4040 Datasheet
99Kb / 6P
   PRECISION SHUNT VOLTAGE REFERENCE
SC1004 SEMTECH-SC1004 Datasheet
60Kb / 3P
   PRECISION SHUNT VOLTAGE REFERENCE
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
ACE Technology Co., LTD...
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
   Precision adjustable shunt voltage reference
VER 1.4
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.2
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com