Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P04606N Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P04606N
Description  Heavy-Duty Power Adapter Cord, 20A, 12AWG (NEMA-L5-20P to NEMA-5-20R), 6-in
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P04606N Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P04606N Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P04606N Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Heavy-Duty Power Adapter Cord, 20A, 12AWG
(NEMA-L5-20P to NEMA-5-20R), 6-in.
MODEL NUMBER: P046-06N
Description
Tripp Lite's P046-06N six inch plug adapter has a locking 125V 20A (NEMA L5-20P) input plug, and a straight-blade 125V 20A (NEMA 5-20R) output
receptacle.
Features
L5-20P to 5-20R Converter
12AWG, 125V, 20A
UL Listed
Specifications
INPUT
Cable Length (ft.)
0.5
Cable Length (m)
0.15
Cable Length (in.)
6
PHYSICAL
Color
Black
CONNECTIONS
Connector A
NEMA L5-20P
Connector B
NEMA 5-20R
Number of Connectors
2
Highlights
L5-20P to 5-20R Converter
12AWG, 125V, 20A
UL Listed
Package Includes
P046-06N 5-20R to L5-20P 6-Inch
Adapter Cable
1 / 2


Similar Part No. - P04606N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
P0460AD VBSEMI-P0460AD Datasheet
1Mb / 9P
   Power MOSFET
P0460AS VBSEMI-P0460AS Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
P0460AT VBSEMI-P0460AT Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Wuxi U-NIKC Semiconduct...
P0460BTF UNIKC-P0460BTF Datasheet
418Kb / 6P
   N-Channel Enhancement Mode MOSFET
P0460CTF-P UNIKC-P0460CTF-P Datasheet
408Kb / 5P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - P04606N

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P04406I TRIPPLITE-P04406I Datasheet
481Kb / 2P
   Heavy-Duty Power Adapter Cord, 20A, 12AWG (NEMA-L5-20R to NEMA-5-20P), 6-in
P044-06I TRIPPLITE-P044-06I Datasheet
164Kb / 3P
   Power Cord Adapter, NEMA L5-20R to NEMA 5-20P - Heavy-Duty, 20A, 120V, 12 AWG, 8.66-in. (21.99 cm), Black
P046-006-LL TRIPPLITE-P046-006-LL Datasheet
159Kb / 3P
   Power Extension Cord, NEMA L5-20P to NEMA L5-20R- Heavy-Duty, 20A, 125V, 12 AWG, 6 ft. (1.83 m), Black, Locking Connectors
P040006 TRIPPLITE-P040006 Datasheet
489Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to NEMA L6-20P), 6-ft
P049010 TRIPPLITE-P049010 Datasheet
481Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to NEMA 5-20P), 10-ft
P046-015-LL TRIPPLITE-P046-015-LL Datasheet
160Kb / 3P
   Power Extension Cord, NEMA L5-20P to NEMA L5-20R- Heavy-Duty, 20A, 125V, 12 AWG, 15 ft. (4.57 m), Black, Locking Connectors
P045010 TRIPPLITE-P045010 Datasheet
485Kb / 2P
   Heavy-Duty Power Extension Cord for Servers, 20A, 12AWG (IEC-320-C19 to NEMA L5-20P), 10-ft
P046-010-LL TRIPPLITE-P046-010-LL Datasheet
159Kb / 3P
   Power Extension Cord, NEMA L5-20P to NEMA L5-20R- Heavy-Duty, 20A, 125V, 12 AWG, 10 ft. (3.05 m), Black, Locking Connectors
P043002 TRIPPLITE-P043002 Datasheet
479Kb / 2P
   Heavy-Duty Power Extension Cord with 20 AMP Breaker, 20A, 10AWG (NEMA L5-30P to NEMA L5-20R), 2-ft
P040-006 TRIPPLITE-P040-006 Datasheet
490Kb / 2P
   Heavy-Duty Power Cord for PDU and UPS, 20A, 12AWG (IEC-320-C19 to NEMA L6-20P), 6-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com