Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MABA-010268-CT4160 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part No. MABA-010268-CT4160
Description  Transformer, 1:4 Transmission Line Transformer
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

MABA-010268-CT4160 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Transformer, 1:4 Transmission Line Transformer
5 to 1200 MHz
Rev. V1
MABA-010268-CT4160
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Ordering Information
Part number
Description
MABA-010268-CT4160
2000 piece reel
Tape & Reel Information
Item
Dimension
Ao
4.00mm +/- 0.1mm
Bo
4.30mm +/- 0.1mm
Ko
2.90mm +/- 0.1mm
W
12.0mm +/- 0.3mm
P1
8.00mm +/- 0.1mm
DIRECTION OF FEED
P1
W
B
K0
0
A0


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn