Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MABA-010268-CT4160 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part No. MABA-010268-CT4160
Description  Transformer, 1:4 Transmission Line Transformer
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

MABA-010268-CT4160 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Transformer, 1:4 Transmission Line Transformer
5 to 1200 MHz
Rev. V1
MABA-010268-CT4160
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
1:4 Impedance ratio
Surface mount
Available on tape and reel
260°C reflow compatible
RoHS* compliant and lead free
Excellent temperature stability
Excellent amplitude and phase balance
Can be used in both 50Ω and 75Ω systems
Description
M/ACom Technology Solutions MABA-010268-
CT4160 is a 1:4 RF transmission line transformer in
a low cost, surface mount package. Ideally suited for
broadband CATV applications.
Schematic
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin Configuration
Pin no.
Function
1
Secondary Dot
2
Secondary Centre Tap
3
Secondary
4
Primary
5
Primary Dot
2
1
5
3
4
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010,
unless otherwise stated
Component dimensions


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn