Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FY7BCH-02B Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # FY7BCH-02B
Description  HIGH-SPEED SWITCHING USE Nch POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FY7BCH-02B Datasheet(HTML) 8 Page - Renesas Technology Corp

  FY7BCH-02B_15 Datasheet HTML 1Page - Renesas Technology Corp FY7BCH-02B_15 Datasheet HTML 2Page - Renesas Technology Corp FY7BCH-02B_15 Datasheet HTML 3Page - Renesas Technology Corp FY7BCH-02B_15 Datasheet HTML 4Page - Renesas Technology Corp FY7BCH-02B_15 Datasheet HTML 5Page - Renesas Technology Corp FY7BCH-02B_15 Datasheet HTML 6Page - Renesas Technology Corp FY7BCH-02B_15 Datasheet HTML 7Page - Renesas Technology Corp FY7BCH-02B_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are subject
to change.
Aug. 1999
MITSUBISHI POWER MOSFET
FY7BCH-02B
HIGH-SPEED SWITCHING USE
Nch POWER MOSFET
10–1
100
2
3
5
7
101
2
3
5
7
102
2
3
5
7
10–4 23 5 7
2 3 5 7
2 3 57
2 3 5 7
100 23 5 7101 23 5 7102 23 5 7103
10–3
10–2
10–1
0.4
0.6
0.8
1.0
1.2
1.4
–50
0
50
100
150
VGS = 0V
ID = 1mA
Single Pulse
0
0.4
0.8
1.2
1.6
2.0
–50
0
50
100
150
VDS = 10V
ID = 1mA
10–1
100
2
3
5
7
101
2
3
5
7
–50
0
50
100
150
VGS = 4V
ID = 7A
Pulse Test
PDM
tw
D
=
T
tw
T
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS
PULSE WIDTH tw (s)
CHANNEL TEMPERATURE Tch (
°C)
BREAKDOWN VOLTAGE VS.
CHANNEL TEMPERATURE
(TYPICAL)
THRESHOLD VOLTAGE VS.
CHANNEL TEMPERATURE
(TYPICAL)
CHANNEL TEMPERATURE Tch (
°C)
CHANNEL TEMPERATURE Tch (
°C)
ON-STATE RESISTANCE VS.
CHANNEL TEMPERATURE
(TYPICAL)


Similar Part No. - FY7BCH-02B_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FY7BCH-02B RENESAS-FY7BCH-02B Datasheet
80Kb / 6P
   MITSUBISHI POWER MOSFET HIGH-SPEED SWITCHING USE Nch POWER MOSFET
More results

Similar Description - FY7BCH-02B_15

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FK7VS-12 POWEREX-FK7VS-12 Datasheet
57Kb / 5P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS100KMJ-03 POWEREX-FS100KMJ-03 Datasheet
47Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10AS-3 POWEREX-FS10AS-3 Datasheet
42Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10ASJ-03 POWEREX-FS10ASJ-03 Datasheet
43Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10ASJ-3 POWEREX-FS10ASJ-3 Datasheet
42Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10KM-9 POWEREX-FS10KM-9 Datasheet
50Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10SM-10 POWEREX-FS10SM-10 Datasheet
50Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10SM-18A POWEREX-FS10SM-18A Datasheet
46Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS12KMA-5A POWEREX-FS12KMA-5A Datasheet
23Kb / 2P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS12UMA-4A POWEREX-FS12UMA-4A Datasheet
44Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS14KM-10 POWEREX-FS14KM-10 Datasheet
50Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com