Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2755AGR Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PA2755AGR
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PA2755AGR Datasheet(HTML) 3 Page - Renesas Technology Corp

  PA2755AGR_15 Datasheet HTML 1Page - Renesas Technology Corp PA2755AGR_15 Datasheet HTML 2Page - Renesas Technology Corp PA2755AGR_15 Datasheet HTML 3Page - Renesas Technology Corp PA2755AGR_15 Datasheet HTML 4Page - Renesas Technology Corp PA2755AGR_15 Datasheet HTML 5Page - Renesas Technology Corp PA2755AGR_15 Datasheet HTML 6Page - Renesas Technology Corp PA2755AGR_15 Datasheet HTML 7Page - Renesas Technology Corp PA2755AGR_15 Datasheet HTML 8Page - Renesas Technology Corp PA2755AGR_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
μPA2755AGR
SWITCHING
N-CHANNEL POWER MOS FET
DATA SHEET
Document No. G19282EJ1V0DS00 (1st edition)
Date Published May 2008 NS
Printed in Japan
2008
DESCRIPTION
The
μ PA2755AGR is Dual N-channel MOS Field Effect
Transistor designed for DC/DC converters and power
management applications of notebook computers.
FEATURES
• Dual chip type
• Low on-state resistance
RDS(on)1 = 18 m
Ω MAX. (VGS = 10 V, ID = 4.0 A)
RDS(on)2 = 29 m
Ω MAX. (VGS = 4.5 V, ID = 4.0 A)
• Low input capacitance
Ciss = 650 pF TYP.
• Built-in G-S protection diode
• Small and surface mount package (Power SOP8)
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, All terminals are connected.)
Drain to Source Voltage (VGS = 0 V)
VDSS
30
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC) (TC = 25
°C)
ID(DC)
±8.0
A
Drain Current (pulse)
Note1
ID(pulse)
±32
A
Total Power Dissipation (1 unit)
Note2
PT
1.7
W
Total Power Dissipation (2 units)
Note2
PT
2.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Single Avalanche Current
Note3
IAS
8
A
Single Avalanche Energy
Note3
EAS
6.4
mJ
Notes 1. PW
≤ 10
μs, Duty Cycle ≤ 1%
2. Mounted on ceramic substrate of 2000 mm
2 x 2.2 mm
3. Starting Tch = 25
°C, VDD = 15 V, RG = 25 Ω, VGS = 20 → 0 V
Remark The diode connected between the gate and source of the transistor serves as a protector against ESD.
When this device actually used, an additional protection circuit is externally required if a voltage exceeding
the rated voltage may be applied to this device.
PACKAGE DRAWING (Unit: mm)
1.27
0.12 M
6.0 ±0.3
4.4
0.40
+0.10
–0.05
0.78 MAX.
0.8
0.5 ±0.2
5.37 MAX.
0.10
14
85
1
: Source 1
2
: Gate 1
7, 8: Drain 1
3
: Source 2
4
: Gate 2
5, 6: Drain 2
EQUIVALENT CIRCUIT
(1/2 circuit)
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain


Similar Part No. - PA2755AGR_15

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA2755NL PULSE-PA2755NL Datasheet
1Mb / 6P
   SMT Common Mode Chokes
PA2755NL PULSE-PA2755NL Datasheet
1Mb / 7P
   SMT Common Mode Chokes
PA2755NL PULSE-PA2755NL Datasheet
1Mb / 7P
   SMT Common Mode Chokes
More results

Similar Description - PA2755AGR_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com