Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1100 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1100
Description  Precision, Zero-Drift Instrumentation Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1100 Datasheet(HTML) 7 Page - Linear Technology

  LTC1100 Datasheet HTML 1Page - Linear Technology LTC1100 Datasheet HTML 2Page - Linear Technology LTC1100 Datasheet HTML 3Page - Linear Technology LTC1100 Datasheet HTML 4Page - Linear Technology LTC1100 Datasheet HTML 5Page - Linear Technology LTC1100 Datasheet HTML 6Page - Linear Technology LTC1100 Datasheet HTML 7Page - Linear Technology LTC1100 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LTC1100
7
1100fc
Common Mode Rejection
Due to very precise matching of the internal resistors, no
trims are required to obtain a DC CMRR of better than
100dB; however, things change as frequency rises. The
inverting amplifier is in a gain of 1.01 (1.1 for gain of 10),
while the noninverting amplifier is in a gain of 99 (9 for gain
of 10). As frequency rises, the higher gain amplifier hits its
gain-bandwidth limit long before the low gain amplifier,
degrading CMRR. The solution is straightforward — slow
down the inverting amplifier to match the noninverting
amp. Figure 1 shows the recommended circuit. The prob-
lem is less pronounced in the LTC1100CS in gain-of-10
mode; no CMRR trims are necessary.
Figure 2. Overcompensation to Reduce System Bandwidth
100k
10pF
3
LTC1100 • TA02
2
8
6
+
+
LTC1100
Figure 1. Improving AC CMRR
Overcompensation
Many instrumentation amplifier applications process DC
or low frequency signals only; consequently, the 18kHz
(180kHz for G = 10) bandwidth of the LTC1100 can be
reduced to minimize system errors or reduce transmitted
clock noise by using the COMP pin. A feedback cap from
COMP to VOUT will react with the 247k internal resistor
(22.5k for G = 10) to limit the bandwidth, as in Figure 2.
3
LTC1100 • TA03
8
6
+
C
7
f
=
3dB
1
2
R
× C
π INT
R
= 247k FOR G = 100
22.5k FOR G = 10
INT
B
LTC1100
B
Aliasing
The LTC1100 is a chopper-stabilized instrumentation
amplifier; like all sampled systems it exhibits aliasing
behavior for input frequencies at or near the internal
sampling frequency. The LTC1100 incorporates special-
ized anti-aliasing circuitry which typically attenuates
aliasing products by ≥ 60dB; however, extremely sensi-
tive systems may still have to take precautions to avoid
aliasing errors. For more information, see the LTC1051/
LTC1053 data sheet.
Single Supply Operation
The LTC1100 will operate on a single 5V supply, and the
common mode range of the internal op amps includes
ground; single supply operation is limited only by the
output swing of the op amps. The internal inverting
amplifier has a negative saturation limit of 5mV typically,
setting the minimum common mode limit at 5mV/1.01 (or
1.1 for gain of 10). The inputs can be biased above ground,
as shown in Figure 3. Low cost biasing components can be
used since any errors appear as a common mode term and
are rejected.
The minimum differential input voltage is limited by the
swing of the output op amp. Lightly loaded, it will swing
down to 5mV, allowing differential input voltages as low as
50µV (450µV for gain of 10). Single supply operation
limits the LTC1100 to positive differential inputs only;
negative inputs will give a saturated zero output.
3
5V
LTC1100 • TA04
8
6
+
OUTPUT
0V TO 5V
SENSOR
RBIAS
5
4, 1
5V
1N4148
LTC1100
Figure 3
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1100

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1100 LINER-LTC1100 Datasheet
252Kb / 8P
   Precision, Chopper-Stabilized Instrumentation Amplifier
LTC1100 LINER-LTC1100 Datasheet
135Kb / 8P
   Precision, Zero-Drift Instrumentation Amplifier
LTC1100 LINER-LTC1100 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC1100 LINER-LTC1100 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
logo
Analog Devices
LTC1100 AD-LTC1100 Datasheet
2Mb / 28P
   Precision Instrumentation Amplifier with Level Shift and Output Clamping
More results

Similar Description - LTC1100

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1100 LINER-LTC1100_03 Datasheet
135Kb / 8P
   Precision, Zero-Drift Instrumentation Amplifier
logo
Texas Instruments
PGA281 TI-PGA281 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, Zero-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
logo
Linear Technology
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Analog Devices
AD8231 AD-AD8231_V01 Datasheet
725Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
AD8231 AD-AD8231_1 Datasheet
686Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. A
AD8231 AD-AD8231_07 Datasheet
137Kb / 8P
   Zero Drift, Digital Programmable Instrumentation Amplifier
Rev. PrC
AD8231 AD-AD8231 Datasheet
630Kb / 20P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. 0
AD8231 AD-AD8231_15 Datasheet
589Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. B
AD8231 AD-AD8231_16 Datasheet
668Kb / 25P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com