Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC660 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC660
Description  100mA CMOS Voltage Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC660 Datasheet(HTML) 4 Page - Linear Technology

  LTC660 Datasheet HTML 1Page - Linear Technology LTC660 Datasheet HTML 2Page - Linear Technology LTC660 Datasheet HTML 3Page - Linear Technology LTC660 Datasheet HTML 4Page - Linear Technology LTC660 Datasheet HTML 5Page - Linear Technology LTC660 Datasheet HTML 6Page - Linear Technology LTC660 Datasheet HTML 7Page - Linear Technology LTC660 Datasheet HTML 8Page - Linear Technology LTC660 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC660
TYPICAL PERFORMANCE CHARACTERISTICS (Using Test Circuit in Figure 1)
Oscillator Frequency
vs Temperature
TEMPERATURE (
°C)
0
4
8
12
2
6
10
–20
20
60
100
LTC660 • TPC15
140
–40
–60
0
40
80
120
V+ = 5V
BOOST = OPEN
OSC = OPEN
LOAD CURRENT (mA)
0
0.8
1.0
80
LTC660 • TPC10
0.6
0.4
0.7
0.9
0.5
0.3
0.2
0.1
0
20
40
60
10
90
30
50
70
100
V+ = 5.5V
TA = 25°C
BOOST = V+
V+ = 2.5V
V+ = 1.5V
V+ = 3.5V
V+ = 4.5V
Output Voltage Drop
vs Load Current
Output Voltage
vs Oscillator Frequency
OSCILLATOR FREQUENCY (kHz)
0.1
–2.5
–4.0
–4.5
–5.0
1
10
100
LTC660 • TPC11
–3.5
–3.0
TA =25°C
V+ = 5V
BOOST = OPEN
IL = 1mA
IL = 10mA
IL = 80mA
Efficiency vs Oscillator Frequency
OSCILLATOR FREQUENCY (kHz)
0.1
70
75
80
85
90
1
10
100
LTC660 • TPC12
65
60
55
50
95
100
TA = 25°C
V+ = 5V
BOOST = OPEN
IL = 10mA
IL = 80mA
IL = 1mA
Oscillator Frequency
vs Supply Voltage
SUPPLY VOLTAGE (V)
0
4
8
12
2
6
10
1.0
2.5
3.5
4.5
LTC660 • TPC13
5.5
0.5
0
1.5 2.0
3.0
4.0
5.0
TA = 25°C
BOOST = OPEN
OSC = OPEN
Oscillator Frequency
vs Supply Voltage
SUPPLY VOLTAGE (V)
0
60
50
40
30
20
80
100
10
70
90
1.0
2.5
3.5
4.5
LTC660 • TPC14
5.5
0.5
0
1.5 2.0
3.0
4.0
5.0
TA = 25°C
BOOST = V+
OSC = OPEN
Oscillator Frequency
vs Temperature
TEMPERATURE (
°C)
–60
60
80
100
100
LTC660 • TPC16
40
20
10
70
90
50
30
0
–20
20
60
–40
120
0
40
80
140
V+ = 5V
BOOST = V+
OSC = OPEN
Oscillator Frequency
vs External Capacitance
CAPACITANCE (pF)
00.1
1
100
1000
100
10
1
10000
LTC660 • TPC17
0.1
10
BOOST = V+
BOOST = OPEN


Similar Part No. - LTC660

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC660 LINER-LTC660 Datasheet
262Kb / 12P
   100mA CMOS Voltage Converter
LTC6601-1 LINER-LTC6601-1 Datasheet
483Kb / 40P
   Low Noise, 0.5% Tolerance, 5MHz to 28MHz, Pin Confi gurable Filter/ADC Driver
LTC6601-1 LINER-LTC6601-1_15 Datasheet
495Kb / 40P
   Low Noise, 0.5 Tolerance, 5MHz to 28MHz, Pin Confi gurable Filter/ADC Driver
LTC6601-2 LINER-LTC6601-2 Datasheet
493Kb / 40P
   Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
LTC6601-2 LINER-LTC6601-2_15 Datasheet
480Kb / 40P
   Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
More results

Similar Description - LTC660

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC660 LINER-LTC660 Datasheet
262Kb / 12P
   100mA CMOS Voltage Converter
logo
Intersil Corporation
ICL7662 INTERSIL-ICL7662_06 Datasheet
223Kb / 10P
   CMOS Voltage Converter
logo
Texas Instruments
TL7660 TI-TL7660 Datasheet
335Kb / 19P
[Old version datasheet]   CMOS VOLTAGE CONVERTER
logo
Renesas Technology Corp
ICL7662 RENESAS-ICL7662 Datasheet
533Kb / 11P
   CMOS Voltage Converter
logo
Silicon Supplies
SIS7660 SS-SIS7660 Datasheet
1Mb / 5P
   CMOS Voltage Converter
logo
Texas Instruments
TL7660 TI1-TL7660_14 Datasheet
761Kb / 23P
[Old version datasheet]   CMOS VOLTAGE CONVERTER
logo
Microchip Technology
TC1121 MICROCHIP-TC1121_14 Datasheet
150Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
03/25/14
TC1121EOA713 MICROCHIP-TC1121EOA713 Datasheet
462Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
02/16/06
TC1121 MICROCHIP-TC1121 Datasheet
442Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
2002
TC1121 MICROCHIP-TC1121_06 Datasheet
509Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com