Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD3729 Datasheet(PDF) 14 Page - NEC

Part # UPD3729
Description  5000 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3729 Datasheet(HTML) 14 Page - NEC

Back Button UPD3729 Datasheet HTML 10Page - NEC UPD3729 Datasheet HTML 11Page - NEC UPD3729 Datasheet HTML 12Page - NEC UPD3729 Datasheet HTML 13Page - NEC UPD3729 Datasheet HTML 14Page - NEC UPD3729 Datasheet HTML 15Page - NEC UPD3729 Datasheet HTML 16Page - NEC UPD3729 Datasheet HTML 17Page - NEC UPD3729 Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
µPD3729
14
APPLICATION CIRCUIT EXAMPLE
Remark The inverters shown in the above application circuit example are the 74AC04.
+5 V
10
+
0.1
F 47
F/25 V
B1
B3
B2
B6
B4
B5
1
2
3
4
5
6
7
8
9
10
11
12
VOUT4
VOUT6
VOUT5
GND
VOD
1L
NC
NC
1
2
TG3
GND
VOUT3
VOUT1
VOUT2
GND
CLB
NC
NC
2
1
TG1
TG2
RB
18
17
16
15
14
13
24
23
22
21
20
19
47
2
2
2
2
2
2
2
47
47
1
2
TG
RB
PD3729
CLB
1L
+12 V
+
0.1
F 10
F/16 V
+5 V
+
0.1
F
10
F/16 V
µ
µ
µ
µ
µµ
µ
φ
φ
φ
φφ
φ
φ
φ
φ
φ
φ
φ
φ
φ
φ
φ
+12 V
110
4.7 k
47
F/25 V
2SA1005
2SC945
1 k
47
+
0.1 F
CCD
VOUT
B1 to B6 EQUIVALENT CIRCUIT
µ
µ


Similar Part No. - UPD3729

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD3729 RENESAS-UPD3729 Datasheet
239Kb / 22P
   MOS INTEGRATED CIRCUIT
1998
UPD3729D RENESAS-UPD3729D Datasheet
239Kb / 22P
   MOS INTEGRATED CIRCUIT
1998
More results

Similar Description - UPD3729

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3739 NEC-UPD3739 Datasheet
127Kb / 24P
   5000 PIXELS CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S12744EJ4V0DS00 RENESAS-S12744EJ4V0DS00_15 Datasheet
406Kb / 26P
   5000 PIXELS CCD LINEAR IMAGE SENSOR
logo
NEC
UPD3788 NEC-UPD3788 Datasheet
197Kb / 24P
   7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3768 NEC-UPD3768 Datasheet
185Kb / 24P
   7500 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3798 NEC-UPD3798 Datasheet
107Kb / 20P
   5348 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3777 NEC-UPD3777 Datasheet
131Kb / 20P
   5400 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3794 NEC-UPD3794 Datasheet
166Kb / 20P
   2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3720A NEC-UPD3720A Datasheet
154Kb / 20P
   2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8861 NEC-UPD8861 Datasheet
158Kb / 24P
   5400 PIXELS X 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3799 NEC-UPD3799 Datasheet
114Kb / 20P
   5300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com