Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP22N055HLE Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # NP22N055HLE
Description  SWITCHING N-CHANNEL POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP22N055HLE Datasheet(HTML) 6 Page - Renesas Technology Corp

  NP22N055HLE_15 Datasheet HTML 1Page - Renesas Technology Corp NP22N055HLE_15 Datasheet HTML 2Page - Renesas Technology Corp NP22N055HLE_15 Datasheet HTML 3Page - Renesas Technology Corp NP22N055HLE_15 Datasheet HTML 4Page - Renesas Technology Corp NP22N055HLE_15 Datasheet HTML 5Page - Renesas Technology Corp NP22N055HLE_15 Datasheet HTML 6Page - Renesas Technology Corp NP22N055HLE_15 Datasheet HTML 7Page - Renesas Technology Corp NP22N055HLE_15 Datasheet HTML 8Page - Renesas Technology Corp NP22N055HLE_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data Sheet D14136EJ4V0DS
4
NP22N055HLE, NP22N055ILE, NP22N055SLE
Figure6. FORWARD TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
1
0.1
0.01
10
100
Pulsed
1.0
2.0
3.0
4.0
5.0
6.0
VDS = 10 V
TA =
−40˚C
25˚C
75˚C
150˚C
175˚C
Figure7. DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0
0
40
60
12
3
4
Pulsed
4.5 V
5.0 V
VGS =10 V
20
10
30
50
Figure8. FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID - Drain Current - A
0.01
0.1
1
10
100
10
100
0.01
0.1
1
TA = 175˚C
75˚C
25˚C
−40˚C
Figure9. DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
0
0
2
4
6
8
101214
16
10
20
30
40
50
60
70
80
Pulsed
ID = 11 A
Figure10. DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
ID - Drain Current - A
0
10
20
30
40
50
60
70
80
1
0.1
10
100
Pulsed
10 V
5.0 V
VGS = 4.5 V
Figure11. GATE TO SOURCE THRESHOLD VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
0
0.5
1.0
1.5
2.0
2.5
3.0
−50
0
50
100
150
VDS = VGS
ID = 250 A
µ


Similar Part No. - NP22N055HLE_15

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NP22N055HLE VBSEMI-NP22N055HLE Datasheet
961Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Renesas Technology Corp
NP22N055HLE RENESAS-NP22N055HLE Datasheet
297Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
2005
logo
Inchange Semiconductor ...
NP22N055HLE ISC-NP22N055HLE Datasheet
316Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - NP22N055HLE_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com