Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1328 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1328
Description  4Mbps IrDA Infrared Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1328 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1328_15 Datasheet HTML 4Page - Linear Technology LT1328_15 Datasheet HTML 5Page - Linear Technology LT1328_15 Datasheet HTML 6Page - Linear Technology LT1328_15 Datasheet HTML 7Page - Linear Technology LT1328_15 Datasheet HTML 8Page - Linear Technology LT1328_15 Datasheet HTML 9Page - Linear Technology LT1328_15 Datasheet HTML 10Page - Linear Technology LT1328_15 Datasheet HTML 11Page - Linear Technology LT1328_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1328
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 0996
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.


Similar Part No. - LT1328_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1328CMS8 LINER-LT1328CMS8 Datasheet
274Kb / 12P
   4Mbps IrDA Infrared Receiver
LT1328CS8 LINER-LT1328CS8 Datasheet
274Kb / 12P
   4Mbps IrDA Infrared Receiver
More results

Similar Description - LT1328_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1328 LINER-LT1328 Datasheet
274Kb / 12P
   4Mbps IrDA Infrared Receiver
logo
Texas Instruments
UCC5340 TI-UCC5340 Datasheet
136Kb / 6P
[Old version datasheet]   IrDA Receiver
UCC5341 TI1-UCC5341 Datasheet
150Kb / 5P
[Old version datasheet]   IrDA 115.2kbps Receiver
logo
Rohm
RPM872-H7 ROHM-RPM872-H7 Datasheet
89Kb / 7P
   IrDA infrared communication module
RPM882-H14 ROHM-RPM882-H14 Datasheet
126Kb / 10P
   IrDA Infrared Communication Module
RPM871-H12 ROHM-RPM871-H12 Datasheet
103Kb / 8P
   IrDA Infrared communication Module
RPM841-H16 ROHM-RPM841-H16 Datasheet
92Kb / 10P
   IrDA Infrared Communication Module
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Rohm
RPM871-H7 ROHM-RPM871-H7 Datasheet
93Kb / 7P
   IrDA Infrared communication Module
RPM841-H11 ROHM-RPM841-H11 Datasheet
119Kb / 10P
   IrDA Infrared Communication Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com