Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1187 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1187
Description  Low Power Video Difference Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1187 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1187_15 Datasheet HTML 5Page - Linear Technology LT1187_15 Datasheet HTML 6Page - Linear Technology LT1187_15 Datasheet HTML 7Page - Linear Technology LT1187_15 Datasheet HTML 8Page - Linear Technology LT1187_15 Datasheet HTML 9Page - Linear Technology LT1187_15 Datasheet HTML 10Page - Linear Technology LT1187_15 Datasheet HTML 11Page - Linear Technology LT1187_15 Datasheet HTML 12Page - Linear Technology LT1187_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT1187
9
1187fa
Operating with Low Closed-Loop Gains
The LT1187 has been optimized for closed-loop gains
of 2 or greater. For a closed-loop gain of 2 the response
peaks about 2dB. Peaking can be eliminated by placing a
capacitor across the feedback resistor, (feedback zero).
This peaking shows up as time domain overshoot of
about 25%.
APPLICATIONS INFORMATION
Closed-Loop Voltage Gain vs Frequency
FREQUENCY (Hz)
9
LT1187 • AI03
100M
10M
1M
100k
7
5
–1
1
3
VS = ±5V
TA = 25°C
AV = 2
RFB = 900Ω
RG = 900Ω
CFB = 0pF
0
2
4
6
8
CFB = 10pF
CFB = 5pF
Small-Signal Transient Response
AV = 2, OVERSHOOT = 25%, RFB = RG = 1k
LT1187 • AI04
Small-Signal Transient Response
AV = 2, WITH 8pF FEEDBACK CAPACITOR
LT1187 • AI05
Extending the Input Range
Figure 1 shows a simplified schematic of the LT1187. In
normal operation REF, Pin 1, is grounded or taken to a DC
offset control voltage and differential signals are applied
between Pins 2 and 3. The input responds linearly until
all of the 345µA current flows through the 1.1k resistor
and Q1 (or Q2) turns off. Therefore the maximum input
swing is 380mVP or 760mVP-P. The second differential
pair, Q3 and Q4, is running at slightly larger current so
that when the first input stage limits, the second stage
remains biased to maintain the feedback.
Occasionally it is necessary to handle signals larger than
760mVP-P at the input. The LT1187 input stage can be
tricked to handle up to 1.5VP-P. To do this, it is necessary
to ground Pin 3 and apply the differential input signal
between Pins 1 and 2. The input signal is now applied
across two 1.1k resistors in series. Since the input signal
is applied to both input pairs, the first pair will run out of
bias current before the second pair, causing the amplifier
to go open loop. The results of this technique are shown
in the following scope photo.


Similar Part No. - LT1187_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1187C LINER-LT1187C Datasheet
385Kb / 12P
   Low Power Video Difference Amplifier
LT1187CJ8 LINER-LT1187CJ8 Datasheet
385Kb / 12P
   Low Power Video Difference Amplifier
LT1187CJ8 LINER-LT1187CJ8 Datasheet
410Kb / 16P
   Low Power Video Difference Amplifi er
LT1187CN8 LINER-LT1187CN8 Datasheet
385Kb / 12P
   Low Power Video Difference Amplifier
LT1187CN8 LINER-LT1187CN8 Datasheet
410Kb / 16P
   Low Power Video Difference Amplifi er
More results

Similar Description - LT1187_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1187 LINER-LT1187_06 Datasheet
410Kb / 16P
   Low Power Video Difference Amplifi er
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Sanyo Semicon Device
2SA1705 SANYO-2SA1705_12 Datasheet
482Kb / 6P
   Low-Frequency Power Amplifi er Applications
logo
Linear Technology
LT1187 LINER-LT1187 Datasheet
385Kb / 12P
   Low Power Video Difference Amplifier
LT1189 LINER-LT1189_15 Datasheet
316Kb / 12P
   Low Power Video Difference Amplifier
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er
logo
Linear Technology
LT1189 LINER-LT1189 Datasheet
349Kb / 12P
   Low Power Video Difference Amplifier
logo
Mini-Circuits
ZHL-100W-13 MINI-ZHL-100W-13 Datasheet
391Kb / 3P
   High Power Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com