Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1120 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1120
Description  Micropower Regulator with Comparator and Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1120 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1120_15 Datasheet HTML 2Page - Linear Technology LT1120_15 Datasheet HTML 3Page - Linear Technology LT1120_15 Datasheet HTML 4Page - Linear Technology LT1120_15 Datasheet HTML 5Page - Linear Technology LT1120_15 Datasheet HTML 6Page - Linear Technology LT1120_15 Datasheet HTML 7Page - Linear Technology LT1120_15 Datasheet HTML 8Page - Linear Technology LT1120_15 Datasheet HTML 9Page - Linear Technology LT1120_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1120
1120fd
GND (Pin 1): Ground.
FB (Pin 2): Feedback. This is the feedback point of the
regulator. When operating, it is nominally at 2.5V. Opti-
mum source resistance is 200k to 500k. The feedback pin
should not be driven below ground or more positive than
5V.
SHDN (Pin 3): Shutdown. A logic 1 shuts off the main
regulator. Caution: noise or leakage into the shutdown pin
can affect output voltage.
VOUT (Pin 4): Regulator Output. Main output, requires a
10
μF output capacitor. Can be shorted to VIN or ground
without damaging the device.
PI FU CTIO S
VIN (Pin 5): Input Supply. Bypass with a 10μF capacitor.
Must always be more positive than ground.
REF (Pin 6): Reference. 2.5V can source or sink current.
May be shorted to ground or up to 5V. Voltages in excess
of 5V can damage the device.
COMPOUT (Pin 7): Comparator Output. Open Collector
NPN Output. May be connected to any voltage from
ground to 36V more positive than ground (operates above
VIN). Short-circuit protected.
– INPUT (Pin 8): Comparator Input. Inverting comparator
input.
BLOCK DIAGRA
50k
1120 BD
+
REF
2.5V
4
6
VOUT
COMPOUT
60k
5
VIN
2FB
3 SHDN
GND
REF
8
–INPUT
+
1
7
APPLICATIO S I FOR ATIO
The LT1120 is especially suited for micropower system
applications. For example, the comparator section of the
LT1120 may be used as a battery checker to provide an
indication of low battery. Another type of system applica-
tion for the LT1120 would be to generate the equivalent of
split supplies off of a single power input. The regulator
section provides regulated output voltage and the refer-
ence, which can both source and sink current, is then an
artificial system ground providing a split supply for the
system.
For many applications the comparator can be frequency
compensated to operate as an amplifier. Compensation
values for various gains are given in the data sheet. The
comparator gain is purposely low to make it easier to
frequency compensate as an amplifier. The NPN output is
capable of sinking 10mA and can drive loads connected to
voltages in excess of the positive power supply. This is
useful for driving switches or linear regulators off of a
higher input voltage.


Similar Part No. - LT1120_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A Datasheet
159Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1120A LINER-LT1120A Datasheet
169Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120AC LINER-LT1120AC Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
More results

Similar Description - LT1120_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120 LINER-LT1120 Datasheet
152Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_03 Datasheet
185Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_15 Datasheet
169Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_04 Datasheet
159Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1020 LINER-LT1020_03 Datasheet
262Kb / 16P
   Micropower Regulator and Comparator
LT1020 LINER-LT1020 Datasheet
364Kb / 16P
   Micropower Regulator and Comparator
LT1020CS LINER-LT1020CS Datasheet
245Kb / 4P
   Micropower Regulator and Comparator?
LT1020 LINER-LT1020_15 Datasheet
272Kb / 16P
   Micropower Regulator and Comparator
logo
Texas Instruments
TLV1805-Q1 TI1-TLV1805-Q1 Datasheet
623Kb / 22P
[Old version datasheet]   40V, microPower, Push-Pull Automotive High Voltage Comparator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com