Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK5102-50 Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK5102-50
Description  Extremely Compact 10 Pin Flatpack With Metal Base
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5102-50 Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK5102-50_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5102-50_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5102-50_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5102-50_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5102-50_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5102-50_15 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APPLICATION NOTES
HEAT SINK SELECTION:
To select a heat sink for the MSK5102, the following formula for
convective heat flow may be used.
Governing Equation:
Tj = Pd x (Rθjc + Rθcs + Rθsa) + Ta
WHERE:
Tj = Junction Temperature
Pd = Total Power Dissipation
Rθjc = Junction to Case Thermal Resistance
Rθcs = Case to Heat Sink Thermal Resistance
Rθsa = Heat Sink to Ambient Thermal Resistance
Ta = Ambient Temperature
REGULATOR PROTECTION:
The MSK5102 series is fully protected against reversed input
polarity, overcurrent faults, overtemperature conditions (Pd) and
transient voltage spikes of up to 60V. If the regulator is used in dual
supply systems where the load is returned to a negative supply,
the output voltage must be diode clamped to ground.
OUTPUT CAPACITOR:
The output voltage ripple of the MSK5102 series voltage regulators
can be minimized by placing a filter capacitor from the output to
ground. The optimum value for this capacitor may vary from one
application to the next, but a minimum of 10µF is recommended
for optimum performance. Transient load response can also be
improved by placing a capacitor directly across the load.
LOAD CONNECTIONS:
In voltage regulator applications where very large load currents
are present, the load connection is very important. The path con-
necting the output of the regulator to the load must be extremely
low impedance to avoid affecting the load regulation specifications.
Any impedance in this path will form a voltage divider with the load.
ENABLE PIN:
The MSK5102 series of voltage regulators are equipped with a TTL
compatible ENABLE pin. A TTL high level on this pin activates the
internal bias circuit and powers up the device.ATTL low level on this
pin places the controller in shutdown mode and the device draws
approximately 10µA of quiescent current. If the enable function is
not used, simply connect the enable pin to the input.
First, the power dissipation must be calculated as follows:
Power Dissipation = (VIN - VOUT) x Iout
Next, the user must select a maximum junction temperature. The
maximum allowable junction temperature is 125°C. The equation
may now be rearranged to solve for the required heat sink to ambient
thermal resistance (Rθsa).
EXAMPLE:
An MSK5102-3.3 is configured for VIN=+5V and VOUT=+3.3V. Iout
is a continuous 1A DC level. The ambient temperature is +25°C.
The maximum desired junction temperature is 125°C.
Rθjc = 6°C/W and Rθcs = 0.5°C/W typically.
Power Dissipation = (5V - 3.3V) x (1A)
Solve for Rθsa:
Rθsa = 125°C - 25°C - 6°C/W - 0.5°C/W
In this example, a heat sink with a thermal resistance of no more
than 52°C/W must be used to maintain a junction temperature of
no more than 125°C.
1.7W
= 1.7 Watts
DEVICE SOLDERING/CASE CONNECTION:
The MSK5102 series are highly thermally conductive devices and
the thermal path from the package base to the internal junctions
is very short. Standard surface mount techniques should be used
when soldering the device into a circuit board. The external heat
sink/pad needs to be connected to ground because the base of
the MSK5102 is also electrically connected to ground. The user is
urged to keep this in mind when designing the printed circuit board
for the MSK5102. There should be no printed circuit traces making
contact with the base of the device except for ground. The ground
plane can be used to pull heat away from the device.
3
= 52.3°C/W
8548-36 Rev. D 5/15


Similar Part No. - MSK5102-50_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5102-5.0 MSK-MSK5102-5.0 Datasheet
250Kb / 5P
   MSK5102-3.3H LOW DROPOUT VOLTAGE REGULATORS
MSK5102-5.0B MSK-MSK5102-5.0B Datasheet
250Kb / 5P
   MSK5102-3.3H LOW DROPOUT VOLTAGE REGULATORS
MSK5102-5.0E MSK-MSK5102-5.0E Datasheet
250Kb / 5P
   MSK5102-3.3H LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5102-5.0H ANAREN-MSK5102-5.0H Datasheet
375Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - MSK5102-50_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5102-15 MSK-MSK5102-15_15 Datasheet
728Kb / 6P
   Extremely Compact 10 Pin Flatpack With Metal Base
MSK5102-120 MSK-MSK5102-120_15 Datasheet
728Kb / 6P
   Extremely Compact 10 Pin Flatpack With Metal Base
MSK5102-19 MSK-MSK5102-19_15 Datasheet
728Kb / 6P
   Extremely Compact 10 Pin Flatpack With Metal Base
MSK5101-00 MSK-MSK5101-00_15 Datasheet
428Kb / 5P
   Extremely Compact 10 Pin Flatpack With Metal Base
MSK5102-17 MSK-MSK5102-17_15 Datasheet
728Kb / 6P
   Extremely Compact 10 Pin Flatpack With Metal Base
MSK5102-18 MSK-MSK5102-18_15 Datasheet
728Kb / 6P
   Extremely Compact 10 Pin Flatpack With Metal Base
MSK5102-25 MSK-MSK5102-25_15 Datasheet
728Kb / 6P
   Extremely Compact 10 Pin Flatpack With Metal Base
MSK5102-33 MSK-MSK5102-33_15 Datasheet
728Kb / 6P
   Extremely Compact 10 Pin Flatpack With Metal Base
logo
Vishay Siliconix
1476 VISHAY-1476 Datasheet
117Kb / 1P
   Bulk Metal Foil Technology 30 Pin Flatpack Hermetic Resistor Network
Revision 26-Mar-02
logo
Bel Fuse Inc.
LDC120 BEL-LDC120 Datasheet
657Kb / 4P
   Extremely compact size
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com