Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1039A-16 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1039A-16
Description  Triple RS232 Driver/Receiver with Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1039A-16 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1039A-16_15 Datasheet HTML 6Page - Linear Technology LT1039A-16_15 Datasheet HTML 7Page - Linear Technology LT1039A-16_15 Datasheet HTML 8Page - Linear Technology LT1039A-16_15 Datasheet HTML 9Page - Linear Technology LT1039A-16_15 Datasheet HTML 10Page - Linear Technology LT1039A-16_15 Datasheet HTML 11Page - Linear Technology LT1039A-16_15 Datasheet HTML 12Page - Linear Technology LT1039A-16_15 Datasheet HTML 13Page - Linear Technology LT1039A-16_15 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LT1039A/LT1039A-16
11
1039afb
For more information www.linear.com/1039
package DescripTion
Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings.
S16 (WIDE) 0502
NOTE 3
.398 – .413
(10.109 – 10.490)
NOTE 4
16 15 14 13 12 11 10
9
1
N
2
3
4
5
6
7
8
N/2
.394 – .419
(10.007 – 10.643)
.037 – .045
(0.940 – 1.143)
.004 – .012
(0.102 – 0.305)
.093 – .104
(2.362 – 2.642)
.050
(1.270)
BSC
.014 – .019
(0.356 – 0.482)
TYP
0° – 8° TYP
NOTE 3
.009 – .013
(0.229 – 0.330)
.005
(0.127)
RAD MIN
.016 – .050
(0.406 – 1.270)
.291 – .299
(7.391 – 7.595)
NOTE 4
× 45°
.010 – .029
(0.254 – 0.737)
INCHES
(MILLIMETERS)
NOTE:
1. DIMENSIONS IN
2. DRAWING NOT TO SCALE
3. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS
4. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm)
.420
MIN
.325 ±.005
RECOMMENDED SOLDER PAD LAYOUT
.045 ±.005
N
1
2
3
N/2
.050 BSC
.030 ±.005
TYP
SW Package
16-Lead Plastic Small Outline (Wide .300 Inch)
(Reference LTC DWG # 05-08-1620)


Similar Part No. - LT1039A-16_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1039A-16 LINER-LT1039A-16 Datasheet
273Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A-16 LINER-LT1039A-16 Datasheet
146Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
More results

Similar Description - LT1039A-16_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1039A LINER-LT1039A Datasheet
273Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A LINER-LT1039A_15 Datasheet
1Mb / 14P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A LINER-LT1039A_01 Datasheet
146Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039 LINER-LT1039_15 Datasheet
357Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039 LINER-LT1039 Datasheet
167Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039-16 LINER-LT1039-16_15 Datasheet
357Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039 LINER-LT1039_1 Datasheet
351Kb / 12P
   RS232 Driver/Receiver
LT1341 LINER-LT1341_15 Datasheet
227Kb / 8P
   5V RS232 Transceiver with One Receiver Active in Shutdown
LT1341 LINER-LT1341 Datasheet
244Kb / 8P
   5V RS232 Transceiver with One Receiver Active in Shutdown
LTC1347 LINER-LTC1347 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com