Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1026 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1026
Description  Voltage Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1026 Datasheet(HTML) 3 Page - Linear Technology

  LT1026_15 Datasheet HTML 1Page - Linear Technology LT1026_15 Datasheet HTML 2Page - Linear Technology LT1026_15 Datasheet HTML 3Page - Linear Technology LT1026_15 Datasheet HTML 4Page - Linear Technology LT1026_15 Datasheet HTML 5Page - Linear Technology LT1026_15 Datasheet HTML 6Page - Linear Technology LT1026_15 Datasheet HTML 7Page - Linear Technology LT1026_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT1026
1026fb
TYPICAL PERFORMANCE CHARACTERISTICS
Load Regulation (Both Outputs
Loaded)
LOAD CURRENT (mA)
0
10
20
LT1026 • TPC01
–6
2
6
–2
0
4
8
–4
–8
–10
5
10
15
25
C = 1
µF
VIN = 5V
TA = 25°C
Load Regulation for Negative
Loading
LOAD CURRENT (mA)
0
10
20
LT1026 • TPC03
–6
2
6
–2
0
4
8
–4
–8
–10
5
10
15
25
C = 1
µF
VIN = 5V
TA = 25°C
IL = 0
LOAD CURRENT (mA)
0
10
20
LT1026 • TPC02
–6
2
6
–2
0
4
8
–4
–8
–10
5
10
15
25
C = 1
µF
VIN = 5V
TA = 25°C
IL = 0
Load Regulation for Positive
Loading
Supply Current
Supply Current
Supply Current
OUTPUT CURRENT (mA)
0
0
15
30
45
60
75
90
510
15
20
LT1026 • TPC04
25
C = 22
µF
VIN = 5V
TA = 25°C
BOTH OUTPUTS
LOADED
OUTPUT CURRENT (mA)
0
0
10
20
30
40
50
60
510
15
20
LT1026 • TPC05
25
C = 22
µF
VIN = 5V
TA = 25°C
NEGATIVE
OUTPUT
LOADED
OUTPUT CURRENT (mA)
0
0
10
20
30
40
50
60
510
15
20
LT1026 • TPC06
25
C = 22
µF
VIN = 5V
TA = 25°C
POSITIVE
OUTPUT
LOADED
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
VIN = 4V
IL = 0mA
q
7
12.5
mA
VIN = 10V
IL = 0mA
q
15
30
mA
Note 1: Absolute Maximum Ratings are those values beyond which the life of
a device may be impaired.
Note 2: VIN min = – 4.5 for TA ≤ 40°C
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT1026_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1026C LINER-LT1026C Datasheet
107Kb / 8P
   Voltage Converter
LT1026CH LINER-LT1026CH Datasheet
107Kb / 8P
   Voltage Converter
LT1026CH LINER-LT1026CH Datasheet
153Kb / 8P
   Voltage Converter
LT1026CJ8 LINER-LT1026CJ8 Datasheet
107Kb / 8P
   Voltage Converter
LT1026CJ8 LINER-LT1026CJ8 Datasheet
153Kb / 8P
   Voltage Converter
More results

Similar Description - LT1026_15

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7660 NJRC-NJU7660 Datasheet
248Kb / 6P
   VOLTAGE CONVERTER
logo
Linear Technology
LT1026 LINER-LT1026 Datasheet
107Kb / 8P
   Voltage Converter
logo
New Japan Radio
NJU7660A NJRC-NJU7660A Datasheet
136Kb / 10P
   VOLTAGE CONVERTER
logo
Guangdong Kexin Industr...
KM7660 KEXIN-KM7660 Datasheet
306Kb / 8P
   Voltage Converter
logo
Pepperl+Fuchs Inc.
FB5206B PF-FB5206B Datasheet
500Kb / 3P
   Voltage Converter
logo
Linear Technology
LT1026 LINER-LT1026_03 Datasheet
153Kb / 8P
   Voltage Converter
logo
New Japan Radio
NJU7662 NJRC-NJU7662 Datasheet
262Kb / 6P
   VOLTAGE CONVERTER?
logo
Pepperl+Fuchs Inc.
LB5106A PF-LB5106A Datasheet
564Kb / 3P
   Voltage Converter
2021-12-01
logo
Texas Instruments
TL7660 TI1-TL7660_14 Datasheet
761Kb / 23P
[Old version datasheet]   CMOS VOLTAGE CONVERTER
logo
WOLFSPEED, INC.
AM4221 WOLFSPEED-AM4221 Datasheet
123Kb / 10P
   VOLTAGE/CURRENT CONVERTER
April 99 Rev. 2.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com