Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3434 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SK3434
Description  MOS FIELD EFFECT TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3434 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SK3434_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK3434_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3434_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3434_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3434_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3434_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3434_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3434_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3434_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©
1999, 2001
MOS FIELD EFFECT TRANSISTOR
2SK3434
SWITCHING
N-CHANNEL POWER MOS FET
DATA SHEET
Document No.
D14603EJ3V0DS00 (3rd edition)
Date Published
July 2002 NS CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The mark 5 shows major revised points.
DESCRIPTION
The 2SK3434 is N-channel MOS Field Effect Transistor
designed for high current switching applications.
FEATURES
• Super low on-state resistance
RDS(on)1 = 20 m
Ω MAX. (VGS = 10 V, ID = 24 A)
RDS(on)2 = 31 m
Ω MAX. (VGS = 4.0 V, ID = 24 A)
• Low Ciss: Ciss = 2100 pF TYP.
• Built-in gate protection diode
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
60
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC) (TC = 25°C)
ID(DC)
±48
A
Drain Current (pulse)
Note1
ID(pulse)
±120
A
Total Power Dissipation (TC = 25°C)
PT
56
W
Total Power Dissipation (TA = 25°C)
PT
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Single Avalanche Current
Note2
IAS
28
A
Single Avalanche Energy
Note2
EAS
78
mJ
Notes 1. PW
≤ 10
µs, Duty cycle ≤ 1%
2. Starting Tch = 25°C, VDD = 30 V, RG = 25
Ω, VGS = 20
→ 0 V
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3434
TO-220AB
2SK3434-S
TO-262
2SK3434-ZJ
TO-263
2SK3434-Z
TO-220SMD
Note
Note TO-220SMD package is produced only
in Japan.
(TO-220AB)
(TO-262)
(TO-263, TO-220SMD)


Similar Part No. - 2SK3434_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3434-S NEC-2SK3434-S Datasheet
48Kb / 4P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK3434-S ISC-2SK3434-S Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3434-S RENESAS-2SK3434-S Datasheet
214Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
NEC
2SK3434-Z NEC-2SK3434-Z Datasheet
48Kb / 4P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK3434-Z ISC-2SK3434-Z Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3434_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com