Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3431 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SK3431
Description  MOS FIELD EFFECT TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3431 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SK3431_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3431_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3431_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3431_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3431_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3431_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3431_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3431_15 Datasheet HTML 9Page - Renesas Technology Corp 2SK3431_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet D14600EJ3V0DS
5
2SK3431
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
0
−50
2
4
6
0
50
100
150
ID = 42 A
8
10
12
Pulsed
VGS = 4 V
VGS = 10 V
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
1.0
0
1.5
VSD - Source to Drain Voltage - V
0.5
Pulsed
0.1
1
10
100
1000
VGS = 10 V
VGS = 0 V
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
100
0.1
1000
10000
100000
1
10
100
VGS = 0 V
f = 1 MHz
Coss
Crss
Ciss
SWITCHING CHARACTERISTICS
ID - Drain Current - A
100
10
1
0.1
1000
10000
10
100
tf
tr
td(on)
td(off)
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
ID - Drain Current - A
di/dt = 100 A/ s
VGS = 0 V
1
0.1
10
1.0
10
100
1000
100
µ
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
QG - Gate Charge - nC
0
0
40
60
20
80
100 120
140 160
10
20
30
40
50
60
70
80
2
4
6
8
10
12
14
16
VGS
VDD = 32 V
20 V
8 V
VDS


Similar Part No. - 2SK3431_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3431-S NEC-2SK3431-S Datasheet
48Kb / 4P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK3431-S ISC-2SK3431-S Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3431-S RENESAS-2SK3431-S Datasheet
214Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
logo
NEC
2SK3431-Z NEC-2SK3431-Z Datasheet
48Kb / 4P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK3431-Z ISC-2SK3431-Z Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3431_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com