Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3430 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SK3430
Description  MOS FIELD EFFECT TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3430 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SK3430_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3430_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3430_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3430_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3430_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3430_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3430_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3430_15 Datasheet HTML 9Page - Renesas Technology Corp 2SK3430_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet D14599EJ3V0DS
4
2SK3430
FORWARD TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
Pulsed
12
34
5
6
VDS = 10 V
10
1
0.1
100
1000
TA =
−40˚C
25˚C
75˚C
150˚C
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID - Drain Current - A
0.01
0.1
1
10
100
10
100
0.1
0.01
1
Pulsed
TA = 150˚C
75˚C
25˚C
−40˚C
VDS = 10 V
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
ID - Drain Current - A
5
10
15
20
25
10
1
100
1000
Pulsed
0
VGS = 4.0 V
10 V
GATE TO SOURCE THRESHOLD VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
0.5
VDS = 10 V
ID = 1 mA
1.0
1.5
2.0
2.5
3.0
−50
0
50
100
150
0
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
0
0
4
8
12
16
20
10
Pulsed
20
ID = 40 A
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0
2
3
4
100
50
150
200
250
300
1
Pulsed
VGS =10 V
4.0 V


Similar Part No. - 2SK3430_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3430-S NEC-2SK3430-S Datasheet
48Kb / 4P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK3430-S ISC-2SK3430-S Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3430-S RENESAS-2SK3430-S Datasheet
222Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
logo
NEC
2SK3430-Z NEC-2SK3430-Z Datasheet
48Kb / 4P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK3430-Z ISC-2SK3430-Z Datasheet
232Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3430_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com