Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KDZ20EV Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part No. KDZ20EV
Description  ZENER DIODE SILICON EPITAXIAL PLANAR DIODE(CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDZ20EV Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDZ20EV Datasheet HTML 1Page - KEC(Korea Electronics) KDZ20EV Datasheet HTML 2Page - KEC(Korea Electronics) KDZ20EV Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2001. 2. 5
1/3
SEMICONDUCTOR
TECHNICAL DATA
KDZ2.0EV~24EV
Revision No : 1
CONSTANT VOLTAGE REGULATION APPLICATION.
REFERENCE VOLTAGE APPLICATION.
FEATURES
Small Package : ESC
Nominal Voltage Tolerance About
6%.
MAXIMUM RATING (Ta=25 )
ESC
DIM
MILLIMETERS
A
B
C
D
E
1.60 0.10
1.20 0.10
0.80 0.10
0.30 0.05
0.60 0.10
D
C
1
2
E
1. ANODE
2. CATHODE
F
0.13 0.05
F
+_
+_
+_
+_
+_
+_
ZENER DIODE
SILICON EPITAXIAL PLANAR DIODE
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Dissipation
PD *
150
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
Example 1) 2.0V ~ 2.7V
Example : KDZ3.0EV
Example 2) 3.0V ~ 9.1V
Example 3) 10V ~ 24V
Example : KDZ10EV
2
KDZ2.0EV
2A
KDZ2.2EV
2B
KDZ2.4EV
2C
KDZ2.7EV
2D
30
10


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn