Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3354 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SK3354
Description  MOS FIELD EFFECT TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3354 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SK3354_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK3354_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3354_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3354_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3354_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3354_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3354_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3354_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3354_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet D14131EJ4V0DS
2
2SK3354
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V10
µA
Gate Leakage Current
IGSS
VGS = ±20 V, VDS = 0V
±10
µA
Gate Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
1.5
2.0
2.5
V
Forward Transfer Admittance
| yfs |VDS = 10 V, ID = 42 A35
59
S
Drain to Source On-state Resistance
RDS(on)1
VGS = 10 V, ID = 42 A6.3
8.0
m
RDS(on)2
VGS = 4 V, ID = 42 A8.0
12
m
Input Capacitance
Ciss
VDS = 10 V
6300
pF
Output Capacitance
Coss
VGS = 0 V
1000
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
490
pF
Turn-on Delay Time
td(on)
VDD = 30 V, ID = 42 A
100
ns
Rise Time
tr
VGS = 10 V
1500
ns
Turn-off Delay Time
td(off)
RG = 10
300
ns
Fall Time
tf
440
ns
Total Gate Charge
QG
VDD = 48 V
106
nC
Gate to Source Charge
QGS
VGS = 10 V20
nC
Gate to Drain Charge
QGD
ID = 83 A30
nC
Body Diode Forward Voltage
VF(S-D)
IF = 83 A, VGS = 0 V1.0
V
Reverse Recovery Time
trr
IF = 83 A, VGS = 0 V55
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
µs
100
nC
TEST CIRCUIT 1 AVALANCHE CAPABILITY
RG = 25
50
PG.
L
VDD
VGS = 20
→ 0 V
BVDSS
IAS
ID
VDS
Starting Tch
VDD
D.U.T.
TEST CIRCUIT 3 GATE CHARGE
TEST CIRCUIT 2 SWITCHING TIME
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1%
VGS
Wave Form
ID
Wave Form
VGS
10%
90%
VGS
10%
0
ID
90%
90%
td(on)
tr td(off)
tf
10%
τ
ID
0
ton
toff
PG.
50
D.U.T.
RL
VDD
IG = 2 mA


Similar Part No. - 2SK3354_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3354-S NEC-2SK3354-S Datasheet
43Kb / 4P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK3354-S ISC-2SK3354-S Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3354-S RENESAS-2SK3354-S Datasheet
222Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
logo
NEC
2SK3354-Z NEC-2SK3354-Z Datasheet
43Kb / 4P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK3354-Z ISC-2SK3354-Z Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3354_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com