Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

106411-1005 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 106411-1005
Description  QSFP to QSFP Fourteen Data Rate PSM4 Active Optical Cable, 56 Gbps Data Rate, Cable Length 5.0m
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

106411-1005 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 01/19/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
106411-1005
Status:
Active
Overview:
Active Optical Cable (AOC)
Description:
QSFP+ to QSFP+ Fourteen Data Rate PSM4 Active Optical Cable, 56 Gbps Data Rate,
Cable Length 5.0m
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Assemblies
Series
106411
Boot Type
N/A
Connector to Connector
QSFP+-to-QSFP+
Mode
Singlemode
Overview
Active Optical Cable (AOC)
Product Name
AOC, FDR, QSFP+
UPC
884982814288
Physical
Cable Length
5.0m
Cable Size
9/125µm
Fiber (Core/Cladding)
9/125µm
Net Weight
174.300/g
Single Ended
No
Wire/Cable Type
Bare Ribbon
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-106411-1XXX
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
106411Series
Mates With
75586 iPass™ 38 Circuit Connector . EMI
CagesLink:74750, 74767 , 74768 , 74769 .
EMI Cages and Heat Sinks 74750
This document was generated on 01/19/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn