Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KDV239E Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDV239E
Description  VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF RADIO)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDV239E Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDV239E Datasheet HTML 1Page - KEC(Korea Electronics) KDV239E Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2000. 3. 7
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDV239E
Revision No : 0
VCO FOR UHF RADIO.
FEATURES
Ultra Low Series Resistance : rS=0.44 (Typ.)
Small Package. (ESC Package)
MAXIMUM RATING (Ta=25 )
ESC
DIM
MILLIMETERS
A
B
C
D
E
1.60 0.10
1.20 0.10
0.80 0.10
0.30 0.05
0.60 0.10
D
C
1
2
E
1. ANODE
2. CATHODE
F
0.13 0.05
F
+_
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
VARIABLE CAPACITANCE DIODE
SILICON EPITAXIAL PLANAR DIODE
Type Name
Marking
J
U
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
15
V
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Voltage
VR
IR=1 A
15
-
-
V
Reverse Current
IR
VR=15V
-
-
3
nA
Capacitance
C2V
VR=2V, f=1MHz
3.8
4.25
4.7
pF
C10V
VR=10V, f=1MHz
1.5
1.75
2.0
Capacitance Ratio
K
C2V/C10V, f=1MHz
2.0
2.4
-
Series Resistance
rS
VR=1V, f=470MHz
-
0.44
0.6


Similar Part No. - KDV239E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDV239E KEC-KDV239E Datasheet
24Kb / 1P
   ESC PACKAGE
KDV239E_0012 KEC-KDV239E_0012 Datasheet
24Kb / 1P
   ESC PACKAGE
More results

Similar Description - KDV239E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDV240E KEC-KDV240E Datasheet
383Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF RADIO)
KDV240 KEC-KDV240 Datasheet
386Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF RADIO)
KDV239 KEC-KDV239 Datasheet
72Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF RADIO)
KDV245E KEC-KDV245E Datasheet
383Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF BAND RADIO)
KDV245 KEC-KDV245 Datasheet
386Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF BAND RADIO)
logo
Toshiba Semiconductor
1SV239 TOSHIBA-1SV239 Datasheet
111Kb / 2P
   VARIABLE CAPACITANCE DIODE (VCO FOR UHF RADIO)
logo
KEC(Korea Electronics)
KDV257E KEC-KDV257E Datasheet
63Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF/VHF BAND)
KDV273E KEC-KDV273E Datasheet
63Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF/VHF BAND)
KDV154 KEC-KDV154 Datasheet
115Kb / 1P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(TV VHF,UHF TUNER AFC VCO FOR UHF BAND RADIO)
KDV273UL KEC-KDV273UL Datasheet
431Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE VCO FOR UHF/VHF BAND
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com