Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPD2845GR Datasheet(PDF) 4 Page - NEC

Part No. UPD2845GR
Description  1 V, 1.3 mA, 94MHz PLL SYNTHESIZER LSI FOR PAGER SYSTEM
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPD2845GR Datasheet(HTML) 4 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
PPPPPD2845GR
ABSOLUTE MAXIMUM RATINGS (UNLESS OTHERWISE SPECIFIED, TA = +25 °C)
Supply Voltage
VDD1
ð0.3 to 2.0
V
VDD2
ð0.3 to 6.0
V
Input Voltage
VI1
ð0.3 to VDD1 +0.3 (Except for DATA, CLK, LE, PS pin)
V
VI2
ð0.3 to 6.0 (DATA, CLK, LE, PS)
V
Output Voltage
VO1
ð0.3 to VDD1 +0.3 (XO, FR)
V
VO2
ð0.3 to VDD2 +0.3 (EO, EOP, EON)
V
Output Current
IO
10
mA
Operating Ambient Temperature
TA
ð10 to +50
°C
Storage Temperature
Tstg
ð55 to +125
°C
RECOMMENDED OPERATING RANGE
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
VDD1
1.0
1.05
1.1
V
VDD2
2.85
3.0
3.15
V
Operating Ambient Temperature
TA
ð10
+25
+50
°C
Supply Voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn