Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RH3080MK Datasheet(PDF) 6 Page - Linear Technology

Part No. RH3080MK
Description  Adjustable 0.9A Single Resistor Low Dropout Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

RH3080MK Datasheet(HTML) 6 Page - Linear Technology

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RH3080MK DICE/DWF
6
rh3080mkfb
LINEAR TECHNOLOGY CORPORATION 2014
LT 1014 REV B • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 FAX: (408) 434-0507
ID 66-13-3080
revision history
REV
DATE
DESCRIPTION
PAGE NUMBER
B
10/14
VCONTROL Pin Current, ILOAD = 0.9A; Line Reg ISET/VOS VCONTROL = 2V to 26V, added Notes 11, 12
1, 2, 3
(Revision history begins at Rev B)


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn