Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RH3080MK Datasheet(PDF) 5 Page - Linear Technology

Part No. RH3080MK
Description  Adjustable 0.9A Single Resistor Low Dropout Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

RH3080MK Datasheet(HTML) 5 Page - Linear Technology

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RH3080MK DICE/DWF
5
rh3080mkfb
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
tyPical PerForMance characteristics
SET Pin Current
Dropout Voltage (Minimum
VCONTROL Pin Voltage)
Dropout Voltage
(Minimum IN Voltage)
Offset Voltage (VOUT-VSET)
Minimum Load Current
Current Limit
TOTAL DOSE (KRADS)
0
10.00
10.05
10.10
200
RH3080 G01
9.95
9.90
9.80
50
100
150
9.85
10.20
10.15
TOTAL DOSE (KRADS)
0
0
0.5
1.0
200
RH3080 G02
–0.5
–1.0
–2.0
50
100
150
–1.5
2.0
IL = 1mA
1.5
TOTAL DOSE (KRADS)
0
0.4
0.5
0.6
200
RH3080 G03
0.3
0.2
0
50
100
150
0.1
0.8
0.7
VIN,CONTROL – VOUT = 26V
VIN,CONTROL – VOUT = 10V
TOTAL DOSE (KRADS)
0
0.8
1.0
1.2
200
RH3080 G04
0.6
0.4
0
50
100
150
0.2
1.6
1.4
IL = 100mA
TOTAL DOSE (KRADS)
0
100
125
150
200
RH3080 G05
75
50
0
50
100
150
25
200
175
IL = 100mA
TOTAL DOSE (KRADS)
0
0
0.5
1.0
200
RH3080 G06
–0.5
–1.0
–2.0
50
100
150
–1.5
2.0
1.5


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn