Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RH3080MK Datasheet(PDF) 4 Page - Linear Technology

Part No. RH3080MK
Description  Adjustable 0.9A Single Resistor Low Dropout Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

RH3080MK Datasheet(HTML) 4 Page - Linear Technology

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RH3080MK DICE/DWF
4
rh3080mkfb
table 4. Post burn-in enDPoints anD Delta liMit
requireMents
table 5. electrical test requireMents
total Dose bias circuit
burn-in circuit
TA = 25°C
PARAMETER
CONDITIONS
ENDPOINT LIMITS
DELTA LIMITS
UNITS
MIN
MAX
MIN
MAX
SET Pin Current (Note 6)
VIN = 1V, VCONTROL = 2V, ILOAD = 1mA
9.9
10.2
–0.1
0.1
µA
MIL-STD-883 TEST REQUIREMENTS
SUBGROUP
Final Electrical Test Requirements (Method 5004)
1*, 2, 3
Group A Test Requirements (Method 5005)
1, 2, 3
Group B and D for Class S,
End Point Electrical Parameters (Method 5005)
1, 2, 3
*PDA applies to subgroup 1. See PDA Test Notes.
PDA Test Notes
The PDA is specified as 5% based on failures from Group A, Subgroup 1,
tests after cooldown as the final electrical test in accordance with method
5004 of MIL-STD-883. The verified failures of Group A, Subgroup 1, after
burn-in divided by the total number of devices submitted for burn-in in that
lot shall be used to determine the percent for the lot.
Linear Technology Corporation reserves the right to test to tighter limits
than those given.
IN
4
2
CASE
1
NC
COUT
10µF
CIN
1µF
RLOAD
499
RSET
49.9k
3
OUT
3V
VCONTROL
SET
+
4
2
VC
VA
3
5
1
49.9k
499
10µF
16V
TANT
VA = V5 = 38V TO 40V
VC = GROUND
TA = 125°C
TJMAX = 135°C
THERMAL SHUTDOWN = 160 ±10°C
DUT CURRENT = 1mA
1µF
100V
TANT
1. NC
2. SET
3. VCONTROL
4. IN
5. OUT = CASE
+
4
TO-3 4-LEAD
BOTTOM VIEW
1
5
3
2


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn