Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH1085 Datasheet(PDF) 5 Page - Linear Technology

Part # RH1085
Description  3A Low Dropout Positive Adjustable Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1085 Datasheet(HTML) 5 Page - Linear Technology

  RH1085_15 Datasheet HTML 1Page - Linear Technology RH1085_15 Datasheet HTML 2Page - Linear Technology RH1085_15 Datasheet HTML 3Page - Linear Technology RH1085_15 Datasheet HTML 4Page - Linear Technology RH1085_15 Datasheet HTML 5Page - Linear Technology RH1085_15 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RH1085
5
rh1085fc
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TYPICAL PERFORMANCE CHARACTERISTICS
Dropout Voltage
Adjust Pin Current
Minimum Load Current
Short-Circuit Current
Current Limit
Line Regulation
Load Regulation
TOTAL DOSE – KRADS (Si)
1
5.2
5.0
4.8
4.6
4.4
4.2
4.0
3.8
3.6
10
100
1000
RH1085 G04
(VIN – VOUT) = 5V
TOTAL DOSE – KRADS (Si)
1
0.3
0.2
0.1
0
–0.1
10
100
1000
RH1085 G05
1.5V ≤ (VIN – VOUT) ≤ 15V
IOUT = 10mA
TOTAL DOSE – KRADS (Si)
1
0.10
0.05
0
–0.05
–0.10
10
100
1000
RH1085 G06
(VIN – VOUT) = 3V
10mA ≤ IOUT ≤ 3A
TOTAL DOSE – KRADS (Si)
1
1.4
1.3
1.2
1.1
1.0
10
100
1000
RH1085 G07
IOUT = 3A
TOTAL DOSE – KRADS (Si)
1
80
70
60
50
40
10
100
1000
RH1085 G08
(VIN – VOUT) = 3V
10mA ≤ IL ≤ IFULL LOAD
TOTAL DOSE – KRADS (Si)
1
4
3
2
1
0
10
100
1000
RH1085 G09
(VIN – VOUT) = 25V
INPUT/OUTPUT DIFFERENTIAL (V)
0
4
5
6
15
25
RH1085 G10
3
2
510
20
30
35
1
0
150°C
25°C
IFULL LOAD
GUARANTEED
–55°C


Similar Part No. - RH1085_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1085MK LINER-RH1085MK Datasheet
72Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
RH1085MK LINER-RH1085MK Datasheet
78Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
RH1085MK LINER-RH1085MK_15 Datasheet
78Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
More results

Similar Description - RH1085_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1085MK LINER-RH1085MK_15 Datasheet
78Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
logo
Analog Intergrations Co...
AIC1085 AIC-AIC1085 Datasheet
59Kb / 7P
   3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1030 IRF-IRU1030 Datasheet
70Kb / 11P
    3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1085MK LINER-RH1085MK Datasheet
72Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
logo
Vishay Siliconix
GS1085 VISHAY-GS1085 Datasheet
75Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
24-May-02
logo
Linear Technology
RH1085 LINER-RH1085 Datasheet
64Kb / 4P
   3A Low Dropout Positive Adjustable Regulator
logo
E-Tech Electronics LTD
GU1085 ETL-GU1085 Datasheet
260Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1085 A-POWER-APE1085 Datasheet
209Kb / 10P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GE1085 GTM-GE1085 Datasheet
229Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1085 GTM-GU1085 Datasheet
258Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com