Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

88526-3803 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 88526-3803
Description  LC-to-LC, Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 5.0m
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

88526-3803 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 05/06/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
88526-3803
Status:
Active
Overview:
Optical Connectivity
Description:
LC-to-LC, Multimode, 62.5/125µm, Duplex, 1.60mm, Standard Fiber Optic Cable
Assembly, 5.0m
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Assemblies
Series
88526
Boot Type
N/A
Connector to Connector
LC-to-LC
Mode
Multimode
Overview
Optical Connectivity
Product Name
LC
UPC
756054896037
Physical
Cable Length
5.0m
Cable Size
1.60mm
Fiber (Core/Cladding)
62.5/125µm
Single Ended
No
Wire/Cable Type
Duplex
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-88526-034
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
88526Series
This document was generated on 05/06/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn