Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH1021-7 Datasheet(PDF) 1 Page - Linear Technology

Part # RH1021-7
Description  Precision 7V Reference
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1021-7 Datasheet(HTML) 1 Page - Linear Technology

  RH1021-7_15 Datasheet HTML 1Page - Linear Technology RH1021-7_15 Datasheet HTML 2Page - Linear Technology RH1021-7_15 Datasheet HTML 3Page - Linear Technology RH1021-7_15 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
RH1021-7
Precision 7V Reference
The RH1021-7 is a precision 7V reference with ultralow
drift and noise, extremely good long-term stability and
almost total immunity to input voltage variations. The
reference output will source and sink up to 10mA. This
reference can also be used as a shunt regulator
(2-terminal Zener). Unique circuit design makes the
RH1021-7 the first IC reference to offer ultralow drift
without the use of high power on-chip heaters.
The wafer lots are processed to Linear Technology’s in-
house Class S flow to yield circuits usable in stringent
military applications.
(Note 10)
Input Voltage ........................................................... 40V
Input/Output Voltage Differential ............................. 35V
Output to Ground Voltage
(Shunt Mode Current Limit) ............................... 10V
Output Short-Circuit Duration
VIN = 35V ........................................................ 10 sec
VIN ≤ 20V ................................................... Indefinite
Operating Temperature Range .............. – 55
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
PACKAGE/ORDER INFORMATION
8
7
6
5
2
20V
1
4
–20V
RH1021-7
3
RH1021BMH-7
RH1021DMH-7
ORDER PART
NUMBER
TOP VIEW
NC*
NC*
NC*
VIN
VOUT
NC*
NC*
GND
8
7
6
5
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
3
* Connected internally. Do not connect external
circuitry to these pins.
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
BUR -I CIRCUIT


Similar Part No. - RH1021-7_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1021-7 LINER-RH1021-7 Datasheet
138Kb / 4P
   Precision 7V Reference
RH1021-7 LINER-RH1021-7 Datasheet
196Kb / 8P
   Quad Precision Operational Amplifier
More results

Similar Description - RH1021-7_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1021-7 LINER-RH1021-7 Datasheet
138Kb / 4P
   Precision 7V Reference
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com