Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQS5202 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQS5202
Description  0.1 ??6 GHz Transfer Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQS5202 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQS5202_15 Datasheet HTML 1Page - TriQuint Semiconductor TQS5202_15 Datasheet HTML 2Page - TriQuint Semiconductor TQS5202_15 Datasheet HTML 3Page - TriQuint Semiconductor TQS5202_15 Datasheet HTML 4Page - TriQuint Semiconductor TQS5202_15 Datasheet HTML 5Page - TriQuint Semiconductor TQS5202_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TQS5202
0.1 – 6 GHz Transfer Switch
Datasheet: Rev. D 02-17-14
- 1 of 6 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Applications
802.11b WLAN
802.11g WLAN
802.11a WLAN
TX-RX Switching
Antenna Diversity Switching
Test and Measurement
General Purpose Broadband Wireless
Product Features
Integrated TX-RX and Diversity Switch for Dual-band
802.11a/b/g WLAN Systems
0.1 to 6.0 GHz Frequency Coverage
Low Insertion Loss
High Isolation
Positive Control Voltage
No Supply Voltage Necessary
GaAs pHEMT Technology
Leadless 3.0 x 3.0 x 0.85 mm Pb-Free SMT Package
Functional Block Diagram
A1 N/C A2
Backside Paddle - RF/DC GND
Pin 1 Reference Mark
TX N/C RX
N/C
N/C
V1
V2
N/C
N/C
11
12
10
2
3
1
5
4
6
8
7
9
Control
General Description
The TQS5202 is a dual-band, double-pole double-throw
switch configured for TX-RX and antenna diversity
switching applications for the WLAN market and other
general purpose transfer switch applications.
The TQS5202 exhibits industry-leading insertion loss,
isolation and power handling. It requires no fixed supply
voltage and operates with a positive control voltage.
The TQS5202 is manufactured using TriQuint’s GaAs
pHEMT process and is packaged in an industry standard
3.0 x 3.0 x 0.85 mm VQFN-12 Pb-Free package.
12-pin 3x3 mm QFN Package
Pin Configuration
Pin No.
Symbol
1, 2, 5, 8, 9, 11
N/C
3
V1
4
A1
6
A2
7
V2
10
RX
12
TX
Backside Paddle
RF/DC GND
Ordering Information
Part No.
Description
TQS5202
SP3T Reflective Switch
TQS5202-PCB
0.1 - 6.0 GHz Evaluation Board
Standard T/R size = 2500 pieces on a 7” reel
Top View


Similar Part No. - TQS5202_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQS5202 TRIQUINT-TQS5202 Datasheet
548Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
More results

Similar Description - TQS5202_15

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS218-000 SKYWORKS-AS218-000 Datasheet
129Kb / 4P
   PHEMT GaAs IC High-Power Transfer Switch 0.1-6 GHz
logo
Analog Devices
ADRF5250 AD-ADRF5250 Datasheet
460Kb / 15P
   0.1 GHz to 6 GHz Silicon SP5T Switch
logo
Skyworks Solutions Inc.
AS218-321 SKYWORKS-AS218-321 Datasheet
189Kb / 4P
   PHEMT GaAs IC High Power Transfer Switch DC-6 GHz
logo
Tyco Electronics
SW-283-PIN MACOM-SW-283-PIN Datasheet
138Kb / 4P
   GaAs Transfer Switch, DC - 3.0 GHz
logo
List of Unclassifed Man...
RTC6608OSP ETC1-RTC6608OSP Datasheet
149Kb / 7P
   0.1 GHz ??6.0 GHz SPDT Switch
logo
Custom MMIC Design Serv...
CMD272P3 MMIC-CMD272P3 Datasheet
251Kb / 8P
   DC-10 GHz DPDT Transfer Switch
CMD273P3 MMIC-CMD273P3 Datasheet
273Kb / 8P
   DC-12 GHz DPDT Transfer Switch
logo
Eudyna Devices Inc
HS69SPDT312 EUDYNA-HS69SPDT312 Datasheet
137Kb / 4P
   Single Pole Double Throw GaAs PHEMT Switch 0.1 - 6 GHz
ESM5322ZU EUDYNA-ESM5322ZU Datasheet
55Kb / 3P
   Double Pole Double Throw GaAs PHEMT Switch 0.1 - 6 GHz
logo
Skyworks Solutions Inc.
AS127-59 SKYWORKS-AS127-59 Datasheet
31Kb / 2P
   GaAs IC Transfer Switch DC-2 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com