Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQQ7303 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQQ7303
Description  1747.5 MHz LTE Band 3 Uplink BAW Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQQ7303 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQQ7303_15 Datasheet HTML 1Page - TriQuint Semiconductor TQQ7303_15 Datasheet HTML 2Page - TriQuint Semiconductor TQQ7303_15 Datasheet HTML 3Page - TriQuint Semiconductor TQQ7303_15 Datasheet HTML 4Page - TriQuint Semiconductor TQQ7303_15 Datasheet HTML 5Page - TriQuint Semiconductor TQQ7303_15 Datasheet HTML 6Page - TriQuint Semiconductor TQQ7303_15 Datasheet HTML 7Page - TriQuint Semiconductor TQQ7303_15 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TQQ7303
1747.5 MHz LTE Band 3 Uplink BAW Filter
Applications
• LTE Band 3 Uplink Infrastructure
• Base Station
• General Purpose Wireless
6 Pin 3
 x 3 mm leadless SMT Package
Functional Block Diagram
1
2
3
4
5
6
Top View
Product Features
• 75
 MHz Bandwidth
• High Attenuation
• Low Loss
• Single-ended Operation
• Small Size: 3
 x 3 x 1.02 mm
• Surface Mount Device
• RoHS Compliant, Pb-Free
General Description
The TQQ7303 is an exceptionally high performance
uplink BAW filter for LTE Band 3. This filter is housed in
a compact 3
 x 3 x 1.02 mm package for base station
applications.
Low insertion loss, coupled with high attenuation makes
this filter an ideal choice for uplink RF filtering needs.
The TQQ7303 is part of TriQuint’s extensive portfolio of
RF Baw and SAW filters.
Ordering Information
Part No.
Description
TQQ7303
1747.5 MHz BAW Filter
TQQ7303-EVB
Evaluation board
Standard T/R size = 2500 pieces on a 7" reel
Pin Configuration
Pin No.
Label
2
Input
5
Output
1,3,4,6
Case Ground
Ground
Input
Ground
Ground
Output
Ground
Advanced Datasheet: Rev C 07-16-14
- 1 of 8 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQQ7303_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQQ7303-EVB QORVO-TQQ7303-EVB Datasheet
645Kb / 8P
   1747.5 MHz LTE Band 3 Uplink BAW Filter
More results

Similar Description - TQQ7303_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQQ7303 QORVO-TQQ7303 Datasheet
645Kb / 8P
   1747.5 MHz LTE Band 3 Uplink BAW Filter
logo
TriQuint Semiconductor
TQQ7307 TRIQUINT-TQQ7307_15 Datasheet
345Kb / 8P
   2535 MHz LTE Band 7 Uplink BAW Filter
logo
Qorvo, Inc
TQQ7307 QORVO-TQQ7307 Datasheet
345Kb / 8P
   2535 MHz LTE Band 7 Uplink BAW Filter
TQQ7301 QORVO-TQQ7301 Datasheet
660Kb / 8P
   Band 1 Uplink BAW Filter
QPQ1296 QORVO-QPQ1296 Datasheet
507Kb / 8P
   Band 25 Uplink BAW Filter
logo
TriQuint Semiconductor
TQQ0302 TRIQUINT-TQQ0302_15 Datasheet
398Kb / 6P
   LTE Band 3 Uplink Module
TQQ1231 TRIQUINT-TQQ1231_15 Datasheet
596Kb / 10P
   LET BAND 1 AND BAND 3 UPLINK BAW DIPLEXER
logo
TAI-SAW TECHNOLOGY CO.,...
TA0391C TAI-SAW-TA0391C Datasheet
296Kb / 7P
   SAW Filter 1747.5 MHz
logo
TriQuint Semiconductor
856654 TRIQUINT-856654_15 Datasheet
443Kb / 6P
   1747.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1963C TAI-SAW-TA1963C Datasheet
533Kb / 9P
   BAW Filter 2350MHz LTE Band 40 SMD 1411(100MHz BW)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com