Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQP569022 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part No. TQP569022
Description  1.7-2.2 GHz High IP3 Dual Channel Downconverter
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

TQP569022 Datasheet(HTML) 2 Page - TriQuint Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TQP569022
1.7
 – 2.2 GHz High IP3 Dual Channel Downconverter
Datasheet: Rev. E 01-06-15
- 2 of 14 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Recommended Operating Conditions
Parameter
Min
Typ Max Units
Vcc (pins 4, 6, 21)
+3.3
+5
+5.25
V
TCASE
−40
+85
°C
TJ (for >106 hours MTTF)
190
°C
LO Power
−3
0
+3
dBm
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−55 to 150 °C
RF Input Power, CW, 50
 Ω, T = +25 °C
+15 dBm
LO Input Power, CW, 50
 Ω, T = +25 °C
+5 dBm
Vcc (pins 4, 6, 21)
Vctrl (pins 16, 30)
+5.5 V
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Electrical Specifications
Test conditions unless otherwise noted: Vcc
 = +5 V, Temp. = +25 °C, LSLO, Both Channels, LO power = 0 dBm
RF
 = 1950 MHz, LO = 1810 MHz, IF = 140 MHz
Parameter
Conditions
Min
Typ
Max
Units
RF Frequency Range
1700
2200
MHz
LO Frequency Range
1400
2500
MHz
IF Frequency Range
70
140
280
MHz
Conversion Gain
Standard Current Mode
7.5
9
11.5
dB
Low Current Mode
6.5
8
10.5
dB
Gain Flatness
± 0.5
dB
Gain Variation Over Temp.
−40 to +85 °C, referenced to +25 °C
±1.0
dB
Input IP3
Pin
 = −10 dBm/tone,
Δf = 1 MHz
Standard Current Mode
+22.5
+25.5
dBm
Low Current Mode
+16
+20
dBm
Input IP3 Variation Over Temp.
−40 to +85 °C, referenced to +25 °C
±1.0
dB
Input IP2
Pin =
−10 dBm/tone
Standard Current Mode
+60
dBm
Low Current Mode
+60
dBm
Input P1dB
Standard Current Mode
+12
dBm
Low Current Mode
+8
dBm
SSB Noise Figure
9.7
dB
SSB Noise Figure Over Temp.
−40 to +85 °C, referenced to +25 °C
±1.5
dB
Noise Figure with Blocker
Pblocker = +8
 dBm, RF = 1900 MHz
18.2
dB
2LO-2RF Spur Rejection
70
dBc
3LO-3RF Spur Rejection
Pin =
−10 dBm/tone
Standard Current Mode
80
dBc
Low Current Mode
80
dBc
LO Leakage at RF port
−36
dBm
LO Leakage at IF port
−42
dBm
LO2-LO1 Switch Isolation
40
54
dB
Channel to Channel Isolation
50
dB
RF-IF Isolation
37
dB
RF Return Loss
23
dB
LO Return Loss
13
dB
IF Return Loss
With ext. IF balun TC4-1W-17LN+
18
dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn