Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQP569022 Datasheet(PDF) 12 Page - TriQuint Semiconductor

Part No. TQP569022
Description  1.7-2.2 GHz High IP3 Dual Channel Downconverter
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

TQP569022 Datasheet(HTML) 12 Page - TriQuint Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
TQP569022
1.7
 – 2.2 GHz High IP3 Dual Channel Downconverter
Datasheet: Rev. E 01-06-15
- 12 of 14 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Pin Configuration and Description
RFMAIN
LO1
28
29
30
31
32
33
34
35
36
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
19
20
21
22
23
24
25
26
27
18
10
N.C.
N.C.
VCC_LOM
N.C.
VCC_LOD
N.C.
N.C.
RFDIV
GND
VCC_S
LOD_SD
LOSEL
LOM_SD
N.C.
GND
LO2
Backside
Paddle - GND
Pin No.
Symbol
Description
1
RFMAIN
Main Channel RF Input. Internally matched to 50Ω. No external DC block required.
4
VCC_LOM
DC Supply, +5V for LO amplifier. Bypass to GND with capacitor (0.1uF) as close as
possible to the pin.
6
VCC_LOD
9
RFDIV
Diversity Channel RF Input. Internally matched to 50Ω. Internal DC block.
13
IFD+
Diversity mixer differential IF Output. Pull up inductors connected to Vcc from each
pin.
14
IFD-
16
VCC_CTRL_D
DC Supply, +5V for IF diversity amp. Bypass to GND with capacitor as close as
possible to the pin.
17
IFD_CURR_SET
IF diversity amp bias control.
18
IFD_SD
IF diversity amp current shut down
19
LO1
Local oscillator input 1. Internally matched
to 50Ω. External DC block required.
21
Vcc
DC Supply, +5V for LO Switch. Bypass to GND with capacitor as close as possible to
the pin.
22
LOD_SD
LO diversity amp current shut down
23
LOSEL
Local oscillator select.
24
LOM_SD
LO main amp current shut down
27
LO2
Local oscillator input 2. Internally matched to 50Ω. External DC block required.
28
IFM_SD
IF main amp current shut down
29
IFM_CURR_SET
IF main amp bias control.
30
VCC_CTRL_M
DC Supply, +5V for IF main amp. Bypass to GND with capacitor as close as possible
to the pin.
32
IFM+
Main mixer differential IF Output. Pull up inductors connected to Vcc from each pin.
33
IFM-
2, 3, 5, 7, 8, 10, 11, 12,
15, 25, 31, 34, 35, 36
NC
No electrical connection. Provide land pads for PCB mounting integrity.
20, 26
GND
RF ground. These pins must be grounded to achieve the noted RF performance.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn