Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQP569022 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part No. TQP569022
Description  1.7-2.2 GHz High IP3 Dual Channel Downconverter
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

TQP569022 Datasheet(HTML) 1 Page - TriQuint Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TQP569022
1.7
 – 2.2 GHz High IP3 Dual Channel Downconverter
Datasheet: Rev. E 01-06-15
- 1 of 14 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Applications
 3G / 4G Wireless Infrastructure
 CDMA, WCDMA, LTE, TD-LTE
36-pin 6
 x 6 mm Leadless Package
General Description
The TQP569022 is a high-linearity, dual-channel down-
converter designed to provide a low cost solution for the
demanding functionality and performance goals of
current and next generation mobile infrastructure base
stations. It provides high dynamic range performance in
a low profile lead-free/RoHS-compliant surface-mount
6x6 mm leadless package.
This device is a fully integrated diversity mixer that
includes LO switch, two stage LO drivers, high-linearity
mixers, RF balun and IF amplifiers.
The IF amplifiers
can be set to standard current or low current mode
through logic input pins. The TQP569022 also integrates
power down feature controlled by separate logic pin.
The TQP569022 provides 9
 dB conversion gain, +25.5
dBm input IP3, +12
 dBm input P1dB and a noise figure
of 10 dB over the 1700
−2200 MHz frequency range for
diversity receiver applications.
The TQP569022 is
optimized for low side LO applications but is also useful
in high side LO applications with less stringent linearity
requirements.
The TQP569022 is footprint and pin
compatible with TriQuint’s 680 – 920 MHz TQP519021
mixer for low band applications.
Pin Configuration
Pin # Symbol
Pin #
Symbol
1
RFMAIN
22
LOD_SD
4
VCC_LOM
23
LOSEL
6
VCC_LOD
24
LOM_SD
9
RFDIV
27
LO2
13,
 14
IFD+, IFD-
28
IFM_SD
16
VCC_CTRL_D
29
IFM_CURR_SET
17
IFD_CURR_SET
30
VCC_CTRL_M
18
IFD_SD
32, 33
IFM+, IFM-
19
LO1
20, 26
RF GND
21
VCC_S
All Others NC or GND
Ordering Information
Part No.
Description
TQP569022
Dual-channel Downconverter
TQP569022-PCB
1700
 – 2200 MHz Eval. Board
Standard T/R size = 2500 pieces on a 13” reel.
Functional Block Diagram
RFMAIN
LO1
28
29
30
31
32
33
34
35
36
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
19
20
21
22
23
24
25
26
27
18
10
N.C.
N.C.
VCC_LOM
N.C.
VCC_LOD
N.C.
N.C.
RFDIV
GND
VCC_S
LOD_SD
LOSEL
LOM_SD
N.C.
GND
LO2
Backside
Paddle - GND
Product Features
 High dynamic range
 Integrated LO/IF amplifiers and LO Switch
 Dual Channels for diversity
 RF Frequency Range : 680 – 920 MHz
 IF Frequency Range : 70 – 280 MHz
 9 dB Conversion Gain
 +25.5 dBm Input IP3
 10.8 dB Noise Figure
 +11.8 dBm Input P1dB
 Built-in high isolation LO Switch
 Power Shut-down Mode
 Optional Low Current Mode for IF amplifiers


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn