Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQP569022 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part No. TQP569022
Description  1.7-2.2 GHz High IP3 Dual Channel Downconverter
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

TQP569022 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TQP569022
1.7
 – 2.2 GHz High IP3 Dual Channel Downconverter
Datasheet: Rev. E 01-06-15
- 9 of 14 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance Plots : High-side LO in Standard Current Mode
Test conditions unless otherwise noted: Vcc
 = +5 V, Temp. = +25 °C, Both Channels, LO power = 0 dBm
RF
 = 1950 MHz, LO = 2090 MHz, IF = 140 MHz
-55
-50
-45
-40
-35
-30
-25
1640 1740 1840 1940 2040 2140 2240 2340 2440 2540
LO Frequency (MHz)
LO-IF Leakage vs. LO Frequency
+85
°C
+25
°C
−40°C
-45
-40
-35
-30
-25
1640 1740 1840 1940 2040 2140 2240 2340 2440 2540
LO Frequency (MHz)
LO-RF Leakage vs. LO Frequency
+85
°C
+25
°C
−40°C
45
50
55
60
65
1800
1900
2000
2100
2200
2300
2400
LO Frequency (MHz)
LO Switch Isolation vs. LO Frequency
45
50
55
60
65
70
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
RF Frequency (MHz)
Channel Isolation vs. RF Frequency
-20
-15
-10
-5
0
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
RF Frequency (MHz)
RF Port Return Loss vs. RF Frequency
-25
-20
-15
-10
-5
0
70
100
130
160
190
220
250
280
IF Frequency (MHz)
IF Port Return Loss vs. IF Frequency


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn