Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQP569022 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part No. TQP569022
Description  1.7-2.2 GHz High IP3 Dual Channel Downconverter
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

TQP569022 Datasheet(HTML) 7 Page - TriQuint Semiconductor

Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TQP569022
1.7
 – 2.2 GHz High IP3 Dual Channel Downconverter
Datasheet: Rev. E 01-06-15
- 7 of 14 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance Plots : Low-side LO in Low Current Mode
Test conditions unless otherwise noted: Vcc
 = +5 V, Temp. = +25 °C, Both Channels, LO power = 0 dBm
RF
 = 1950 MHz, LO = 1810 MHz, IF = 140 MHz
5
6
7
8
9
10
11
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
RF Frequency (MHz)
Conversion Gain vs. RF Frequency
+85
°C
+25
°C
−40°C
10
15
20
25
30
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
RF Frequency (MHz)
Input IP3 vs. RF Frequency
1 MHz Tone Spacing
Pin/Tone = -10dBm
+85
°C
+25
°C
−40°C
55
60
65
70
75
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
RF Frequency (MHz)
Input IP2 vs. RF Frequency
Pin/Tone = -10dBm
+85
°C
+25
°C
−40°C
5
6
7
8
9
10
11
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
RF Frequency (MHz)
Conversion Gain vs. RF Frequency
4.75 V
5 V
5.25 V
10
15
20
25
30
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
RF Frequency (MHz)
Input IP3 vs. RF Frequency
1 MHz Tone Spacing
Pin/Tone = -10dBm
4.75 V
5.0 V
5.25 V
55
60
65
70
75
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
RF Frequency (MHz)
Input IP2 vs. RF Frequency
Pin/Tone = -10dBm
4.75 V
5.0 V
5.25 V
4
5
6
7
8
9
1700
1800
1900
2000
2100
2200
RF Frequency (MHz)
Input P1dB vs. RF Frequency
20
25
30
35
40
45
50
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
RF Frequency (MHz)
RF-IF Isolation vs. RF Frequency
+85
°C
+25
°C
−40°C
-60
-55
-50
-45
-40
-35
-30
-25
1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300
LO Frequency (MHz)
LO-IF Leakage vs. LO Frequency
+85
°C
+25
°C
−40°C
-45
-40
-35
-30
-25
1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300
LO Frequency (MHz)
LO-RF Leakage vs. LO Frequency
+85
°C
+25
°C
−40°C
150
170
190
210
230
250
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
RF Frequency (MHz)
Icc vs. Temperature
+85
°C
+25
°C
−40°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn