Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQP569022 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part No. TQP569022
Description  1.7-2.2 GHz High IP3 Dual Channel Downconverter
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

TQP569022 Datasheet(HTML) 3 Page - TriQuint Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TQP569022
1.7
 – 2.2 GHz High IP3 Dual Channel Downconverter
Datasheet: Rev. E 01-06-15
- 3 of 14 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Electrical Specifications (contd.)
Test conditions unless otherwise noted: Vcc
 = +5 V, Temp. = +25 °C, LSLO, Both Channels, LO power = 0 dBm
RF
 = 1950 MHz, LO = 1810 MHz, IF = 140 MHz
Parameter
Conditions
Min
Typ
Max
Units
IF differential port impedance
200
Ohms
Total Supply Current
Standard Current Mode
240
295
350
mA
Low Current Mode
150
195
250
mA
Shut Down Mode
1
3.5
5
mA
Logic Low Voltage
0
+0.4
V
Logic High Voltage
+1.4
Vcc
V
LO Switching Time
100
ns
Logic Input Current
At +5
 V Logic High
50
µA
Thermal Resistance,
θjc
Junction to Case
23.4
oC/W
Application Circuit - TQP569022-PCB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn