Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP519021 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TQP519021
Description  680-920 MHz High IP3 Dual Channel Downconverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP519021 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TQP519021 Datasheet HTML 1Page - TriQuint Semiconductor TQP519021 Datasheet HTML 2Page - TriQuint Semiconductor TQP519021 Datasheet HTML 3Page - TriQuint Semiconductor TQP519021 Datasheet HTML 4Page - TriQuint Semiconductor TQP519021 Datasheet HTML 5Page - TriQuint Semiconductor TQP519021 Datasheet HTML 6Page - TriQuint Semiconductor TQP519021 Datasheet HTML 7Page - TriQuint Semiconductor TQP519021 Datasheet HTML 8Page - TriQuint Semiconductor TQP519021 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TQP519021
680
 – 920 MHz High IP3 Dual Channel Downconverter
Datasheet: Rev. D 01-06-15
- 4 of 14 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
TQP519021-PCB Evaluation Board
U1
R3
R4
R11
R13
R8
J8
J7
J15
J3
J3
J6
J6
C3
T1
T2
L3
L4
L2
L1
J14
J12 J13 J9
J10 J11 J16
R7
C1
2
C13
PCB Material and Stack-up
1 oz. Cu bottom layer
Nelco N-4000-13
Core
Nelco N-4000-13
ε
r=3.7 typ.
1 oz. Cu top layer
1 oz. Cu inner layer
1 oz. Cu inner layer
0.014"
0.014"
0.062 ± 0.006
Finished Board
Thickness
Bill of Material - TQP519021-PCB
Reference Des.
Value
Description
Manuf.
Part Number
U1
Downconverter
TriQuint
TQP519021
R1 through R16
0
Ω
RES, 0402, 5%, 1/16W, Chip
Various
C1−C5, C14, C17, C18
0.1 uF
CAP, 0402, 5%, 50V, NPO
Various
C6, C7, C8, C9
47 pF
CAP, 0402, 5%, 50V, NPO
Various
C12, C13
100 pF
CAP, 0402, 5%, 50V, NPO/COG
Various
T1, T2
RF Transformer
Mini-Circuits
TC4-1W-17LN+
L1, L2, L3, L4
470 nH
IND, 0805, 5%, Ceramic Core
Coilcraft
0805CS-471XJL
C10, C11, C15, C16, C19−C25
Do Not Place
Jumper Settings - TQP519021-PCB
Jumper
Pin No.
Function
Low
High
J9
22
LOD_SD
Operation Mode
Shutdown Mode
J10
29
IFM_CURR_SET
Standard Current Mode
Low Current Mode
J11
28
IFM_SD
Operation Mode
Shutdown Mode
J12
17
IFD_CURR_SET
Standard Current Mode
Low Current Mode
J13
18
IFD_SD
Operation Mode
Shutdown Mode
J14
23
LOSEL
LO2
LO1
J16
24
LOM_SD
Operation Mode
Shutdown Mode


Similar Part No. - TQP519021

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP519021 TRIQUINT-TQP519021 Datasheet
804Kb / 14P
   680-920 MHz High IP3 Dual Channel Downconverter
TQP519021-PCB TRIQUINT-TQP519021-PCB Datasheet
804Kb / 14P
   680-920 MHz High IP3 Dual Channel Downconverter
More results

Similar Description - TQP519021

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP519021 TRIQUINT-TQP519021 Datasheet
804Kb / 14P
   680-920 MHz High IP3 Dual Channel Downconverter
logo
Hittite Microwave Corpo...
HMC990LP4E HITTITE-HMC990LP4E Datasheet
2Mb / 24P
   BROADBAND HIGH IP3 DUAL CHANNEL DOWNCONVERTER
HMC581LP6 HITTITE-HMC581LP6_09 Datasheet
297Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
HMC581LP6 HITTITE-HMC581LP6 Datasheet
1Mb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
logo
TriQuint Semiconductor
TQP569022 TRIQUINT-TQP569022_15 Datasheet
721Kb / 15P
   1.7-2.2 GHz High IP3 Dual Channel Downconverter
logo
Hittite Microwave Corpo...
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC682LP6C HITTITE-HMC682LP6C Datasheet
890Kb / 10P
   HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
HMC683LP6C HITTITE-HMC683LP6C Datasheet
868Kb / 10P
   HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 0.7 - 1.0 GHz
logo
Analog Devices
HMC1190ALP6NE AD-HMC1190ALP6NE Datasheet
3Mb / 63P
   BROADBAND HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ Fractional-N PLL & VCO, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com