Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP369185 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TQP369185
Description  DC-6 GHz Gain Block
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP369185 Datasheet(HTML) 6 Page - TriQuint Semiconductor

  TQP369185 Datasheet HTML 1Page - TriQuint Semiconductor TQP369185 Datasheet HTML 2Page - TriQuint Semiconductor TQP369185 Datasheet HTML 3Page - TriQuint Semiconductor TQP369185 Datasheet HTML 4Page - TriQuint Semiconductor TQP369185 Datasheet HTML 5Page - TriQuint Semiconductor TQP369185 Datasheet HTML 6Page - TriQuint Semiconductor TQP369185 Datasheet HTML 7Page - TriQuint Semiconductor TQP369185 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TQP369185
DC-6 GHz Gain Block
Datasheet: Rev E 7/16/13
- 6 of 8 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Pin Configuration and Description
RF IN
GND
RF OUT
GND
1
2
3
4
Pin No.
Label
Description
1
RF IN
RF input, matched to 50 ohms. External DC Block is required.
3
RF OUT
RF output / DC supply, matched to 50 ohms. External DC Block
and bias choke, are required.
2, 4, Backside Paddle
GND Paddle
RF/DC ground. Use recommended via pattern to minimize
inductance and thermal resistance. See PCB Mounting Pattern
for suggested footprint.
Evaluation Board PCB Information
TriQuint PCB 1075825 Material and Stack-up
50 Ohm Line Dimensions: width=0.028"
spacing=0.028"


Similar Part No. - TQP369185

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP369185 TRIQUINT-TQP369185 Datasheet
695Kb / 8P
   DC-6 GHz Gain Block
logo
Qorvo, Inc
TQP369185 QORVO-TQP369185 Datasheet
659Kb / 10P
   DC ??6 GHz Gain Block
May 14, 2021
logo
TriQuint Semiconductor
TQP369185-PCB TRIQUINT-TQP369185-PCB Datasheet
695Kb / 8P
   DC-6 GHz Gain Block
logo
Qorvo, Inc
TQP369185-PCB QORVO-TQP369185-PCB Datasheet
659Kb / 10P
   DC ??6 GHz Gain Block
May 14, 2021
More results

Similar Description - TQP369185

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP369184 QORVO-TQP369184 Datasheet
785Kb / 10P
   DC ??6 GHz Gain Block
June 25, 2020
logo
TriQuint Semiconductor
TQP369180 TRIQUINT-TQP369180 Datasheet
695Kb / 8P
   DC-6 GHz Gain Block
TQP369182 TRIQUINT-TQP369182_15 Datasheet
387Kb / 8P
   DC-6 GHz Gain Block
TQP369184 TRIQUINT-TQP369184_15 Datasheet
717Kb / 8P
   DC-6 GHz Gain Block
logo
Qorvo, Inc
TQP369185 QORVO-TQP369185 Datasheet
659Kb / 10P
   DC ??6 GHz Gain Block
May 14, 2021
logo
TriQuint Semiconductor
TQP369181 TRIQUINT-TQP369181_15 Datasheet
907Kb / 8P
   DC-6 GHz Gain Block
logo
Qorvo, Inc
TQP369182 QORVO-TQP369182 Datasheet
751Kb / 10P
   DC ??6 GHz Gain Block
January 28, 2022
logo
TriQuint Semiconductor
TQP369181 TRIQUINT-TQP369181 Datasheet
897Kb / 8P
   DC-6 GHz Gain Block
TQP369182 TRIQUINT-TQP369182 Datasheet
691Kb / 8P
   DC-6 GHz Gain Block
TQP369184 TRIQUINT-TQP369184 Datasheet
858Kb / 8P
   DC-6 GHz Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com